Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTNETA1570MFP Datasheet(PDF) 34 Page - Texas Instruments

Part # XTNETA1570MFP
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTNETA1570MFP Datasheet(HTML) 34 Page - Texas Instruments

Back Button XTNETA1570MFP Datasheet HTML 30Page - Texas Instruments XTNETA1570MFP Datasheet HTML 31Page - Texas Instruments XTNETA1570MFP Datasheet HTML 32Page - Texas Instruments XTNETA1570MFP Datasheet HTML 33Page - Texas Instruments XTNETA1570MFP Datasheet HTML 34Page - Texas Instruments XTNETA1570MFP Datasheet HTML 35Page - Texas Instruments XTNETA1570MFP Datasheet HTML 36Page - Texas Instruments XTNETA1570MFP Datasheet HTML 37Page - Texas Instruments XTNETA1570MFP Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
34
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
transmit completion rings with/without interrupt (continued)
ENTRY
DESCRIPTION
Word 0
Control, buffer pointer
The definitions of the fields are as follows:
word 0
OWN (bit 31)
ABORT (bit 30)
Pointer (bits 29 − 0)
OWN (bit 31)
This bit is set by the host indicating that the entry is available for use by the TNETA1570. This bit is cleared by
the TNETA1570 indicating that the entry is owned by the host. If the OWN bit is not set when the TNETA1570
attempts to post an entry, TX freeze occurs.
ABORT (bit 30)
This bit is set by the TNETA1570 indicating that segmentation of the packet was aborted due to the ABORT bit
being set in the transmit-descriptor entry.
address (bits 29 −0)
This field contains the upper 30 bits of the buffer address that has completed segmentation. The lower two bits
are always zero because the buffer is aligned to a 32-bit boundary.
high-priority-segmentation service
The TNETA1570 provides a high-priority-segmentation service that bypasses the scheduler table and the
normal segmentation flow. This method can be used to insert constant bit-rate traffic into the transmit data
stream by using a method other than the scheduler table. The operation of the high-priority-segmentation
service requires the use of two external pins, the high-priority-segmentation request (HPSREQ) input and the
high-priority-segmentation acknowledge (HPSACK) output.
HPSREQ is sampled by the TNETA1570 at each new segmentation opportunity, synchronous to the PCI-bus
clock. When the input is active, the TNETA1570 initiates the procedure for transmitting a cell from TX DMA
channel 1.
NOTE: This method requires that transmit DMA channel 1 not be used for any other data traffic and that the
number 1 does not appear in the scheduler table.
Normal scheduler table look-up and pointer-increment processing is suspended until the next segmentation
opportunity for a new cell. HPSACK is asserted for one PCI-bus-clock cycle. HPSREQ must be deasserted
within two PCI-bus-clock cycles of HPSACK being asserted to ensure that another cell is not segmented for TX
DMA channel 1. If HPSREQ is not deasserted within two PCI-bus clock cycles of HPSACK being asserted,
another cell is sent from TX DMA channel 1. To ensure that the high-priority-segmentation request is processed,
HPSREQ must remain active until HPSACK is set low.
ATM header-error-check (HEC) byte generation
The TNETA1570 generates the HEC byte in the 5-byte ATM header on all outgoing ATM cells in accordance
with the appropriate specifications (ANSI T1.624, CCIFT 1.432, and ATM Forum UNI specification version 3.0).
To facilitate testing and functional verification, a mechanism to error the HEC byte in the outgoing cells is made
available in the configuration register. When the HEC bit in the configuration register is set, the HEC byte is
inverted prior to insertion into the outgoing cell.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com