Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTNETA1570MFP Datasheet(PDF) 26 Page - Texas Instruments

Part # XTNETA1570MFP
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTNETA1570MFP Datasheet(HTML) 26 Page - Texas Instruments

Back Button XTNETA1570MFP Datasheet HTML 22Page - Texas Instruments XTNETA1570MFP Datasheet HTML 23Page - Texas Instruments XTNETA1570MFP Datasheet HTML 24Page - Texas Instruments XTNETA1570MFP Datasheet HTML 25Page - Texas Instruments XTNETA1570MFP Datasheet HTML 26Page - Texas Instruments XTNETA1570MFP Datasheet HTML 27Page - Texas Instruments XTNETA1570MFP Datasheet HTML 28Page - Texas Instruments XTNETA1570MFP Datasheet HTML 29Page - Texas Instruments XTNETA1570MFP Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
26
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
internal registers (continued)
DESCRIPTION
SIZE
R/W
Configuration register
32 bits
R/W
Configuration register
Status register
32 bits
32 bits
R/W
R
Status register
Interrupt-mask register
32 bits
32 bits
R
R/W
Interrupt-mask register
Reassembly-global-timer register
32 bits
16 bits
R/W
R/W
Reassembly-global-timer register
Maximum RX DMA state-table register
16 bits
16 bits
R/W
R/W
Maximum RX DMA state-table register
RX unknown register
16 bits
32 bits
R/W
R
RX unknown register
TX completion ring with interrupt-size register
TX completion ring without interrupt-size register
32 bits
16 bits
16 bits
R
R/W
R/W
TX completion ring with interrupt-size register
TX completion ring without interrupt-size register
RX completion ring with interrupt-size register
16 bits
16 bits
16 bits
R/W
R/W
R/W
TX completion ring without interrupt-size register
RX completion ring with interrupt-size register
RX completion ring without interrupt-size register
16 bits
16 bits
16 bits
R/W
R/W
R/W
RX completion ring with interrupt-size register
RX completion ring without interrupt-size register
TX packet-segmentation ring-size register
16 bits
16 bits
16 bits
R/W
R/W
R/W
RX completion ring without interrupt-size register
TX packet-segmentation ring-size register
FIFO free-buffer-size register
16 bits
16 bits
16 bits
R/W
R/W
R/W
FIFO free-buffer-size register
HEC-error counter
16 bits
16 bits
R/W
R
HEC-error counter
Unknown-protocols counter
16 bits
32 bits
R
R
Unknown-protocols counter
AAL5 CPCS PDU-discard counter
32 bits
16 bits
R
R
AAL5 CPCS PDU-discard counter
ATM-cells-received counter
16 bits
32 bits
R
R
ATM-cells-received counter
ATM-cells-transmitted counter
32 bits
32 bits
R
R
ATM-cells-transmitted counter
VCI-mask register
32 bits
16 bits
R
R/W
VCI-mask register
FIFO maximum occupancy value
16 bits
16 bits
R/W
R
FIFO maximum occupancy value
Scheduler-table-size register
16 bits
16 bits
R
R/W
Scheduler-table-size register
Software reset
16 bits
32 bits
R/W
W
Software reset
TX completion ring without interrupt-pointer address
32 bits
32 bits
W
R/W
TX completion ring without interrupt-pointer address
TX completion ring with interrupt-pointer address
32 bits
32 bits
R/W
R/W
TX completion ring with interrupt-pointer address
RX completion ring without interrupt-pointer address
32 bits
32 bits
R/W
R/W
RX completion ring without interrupt-pointer address
RX completion ring with interrupt-pointer address
32 bits
32 bits
R/W
R/W
host interface
The TNETA1570 incorporates a PCI revision 2.0 (April 30, 1993) compliant host interface. The TNETA1570
operates as a 32-bit PCI-slave device for configuration cycles, accesses to internal registers, and accesses to
the onboard control memory. It also acts as a PCI-master device for accessing data structures that are contained
in host memory. The TNETA1570 initiates 64-bit or 32-bit data transfers to and from data structures in host
memory, but only initiates 32-bit data transfers to and from control structures in host memory.
segmentation operation
The transmit operation of the TNETA1570 utilizes data structures in both host memory and control memory. The
packets being segmented are stored in buffers in host memory, along with the descriptor-entry information for
that buffer. The transmit completion rings and packet-segmentation rings also are located in host memory.
Control memory contains the scheduler table and the TX DMA state table. These data structures are described
in the following paragraphs.
The segmentation process for the TNETA1570 is based on the segmentation of buffers instead of the
segmentation of packets. EOP processing still is required to add the AAL5 trailer to the last cell in an AAL5
packet. However, segmentation can start once a buffer ending on an even 48-byte boundary is filled, instead
of waiting until all of a packet is stored in memory. The segmentation process also uses link entries to queue
up buffers associated with the same packet for segmentation. For the targeted application, link entries provide
a more efficient use of host memory for storing descriptor and user data. The packet provides a more efficient
use of host memory for storing descriptor and user data. The packet-segmentation rings are used to queue up
different packets for segmentation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com