Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003 Datasheet(PDF) 129 Page - Sony Corporation

Part # CXD3003
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003 Datasheet(HTML) 129 Page - Sony Corporation

Back Button CXD3003 Datasheet HTML 125Page - Sony Corporation CXD3003 Datasheet HTML 126Page - Sony Corporation CXD3003 Datasheet HTML 127Page - Sony Corporation CXD3003 Datasheet HTML 128Page - Sony Corporation CXD3003 Datasheet HTML 129Page - Sony Corporation CXD3003 Datasheet HTML 130Page - Sony Corporation CXD3003 Datasheet HTML 131Page - Sony Corporation CXD3003 Datasheet HTML 132Page - Sony Corporation CXD3003 Datasheet HTML 133Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 137 page
background image
– 129 –
CXD3003R
TRK Servo Gain Up 2 fs = 88.2kHz
K3B
K3A
K3C
K3D
Z–1
K39
Z–1
K37
K38
K36
Z–1
M0C
M0B
2–7
2–7
M0E
Z–1
K3E
K23
TRK
AUTO Gain
TRK PWM
27
TRK JMP
M0F
2–1
K19
DFCT
TRK
Hold Reg
TRK
In Reg
To SLD Servo, TRK Hold
Note) Set the MSB bit of the K39 and K3B coefficients to 0.
SLD Servo fs = 345Hz
K04
K03
Z–1
K02
Z–1
K01
K00
M00
2–7
2–7
M01
K05
K07
TRK
AUTO Gain
SLD PWM
2–7
SLD MOV
M02
SLD
In Reg
2–1
K30
SFSK (only when TGUP2 is used)
SFID
M0D
TRK SERVO FILTER
Second-stage output
Note) Set the MSB bit of the K02 and K04 coefficients to 0.
HPTZC/Auto Gain fs = 88.2kHz
K15
K17
Z–1
K14
M08
M09
M0A
Z–1
AUTO Gain
Reg
2–1
AGTON
AGFON
AGFON
FCS
In Reg
TRK
In Reg
Sin ROM
Z–1
Slice
TZC Reg
Slice
2–1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com