Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003 Datasheet(PDF) 13 Page - Sony Corporation

Part # CXD3003
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003 Datasheet(HTML) 13 Page - Sony Corporation

Back Button CXD3003 Datasheet HTML 9Page - Sony Corporation CXD3003 Datasheet HTML 10Page - Sony Corporation CXD3003 Datasheet HTML 11Page - Sony Corporation CXD3003 Datasheet HTML 12Page - Sony Corporation CXD3003 Datasheet HTML 13Page - Sony Corporation CXD3003 Datasheet HTML 14Page - Sony Corporation CXD3003 Datasheet HTML 15Page - Sony Corporation CXD3003 Datasheet HTML 16Page - Sony Corporation CXD3003 Datasheet HTML 17Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 137 page
background image
– 13 –
CXD3003R
(5) BCKI, LRCKI and PCMDI pins
(VDD = 3.3V ±10%, Topr = –20 to +75°C)
Input BCKI frequency
Input BCKI pulse width
Input data setup time
Input data hold time
Input LRCK setup time
Input LRCK hold time
tBCK
tWIB
tIDS
tIDH
tILRH
tILRS
100
10
15
10
15
4.5
MHz
ns
Item
Symbol
Min.
Typ.
Max.
Unit
tILRH
tWIB
tWIB
tIDH
tIDS
tILRS
50%
BCKI
PCMDI
LRCKI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com