Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003 Datasheet(PDF) 45 Page - Sony Corporation

Part # CXD3003
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003 Datasheet(HTML) 45 Page - Sony Corporation

Back Button CXD3003 Datasheet HTML 41Page - Sony Corporation CXD3003 Datasheet HTML 42Page - Sony Corporation CXD3003 Datasheet HTML 43Page - Sony Corporation CXD3003 Datasheet HTML 44Page - Sony Corporation CXD3003 Datasheet HTML 45Page - Sony Corporation CXD3003 Datasheet HTML 46Page - Sony Corporation CXD3003 Datasheet HTML 47Page - Sony Corporation CXD3003 Datasheet HTML 48Page - Sony Corporation CXD3003 Datasheet HTML 49Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 137 page
background image
– 45 –
CXD3003R
Description of peak meter mode (see Timing Chart 1-5.)
• When the LSI is set to this mode, the maximum PCM data value is detected regardless of if it comes from the
left or right channel.
The 96-bit clock must be input to SQCK to read out this data.
• When the 96-bit clock is input, 96 bits of data are output to SQSO and the value is set in the LSI internal
register again.
In other words, the PCM maximum value detection register is not reset by the readout.
• To reset the PCM maximum value register to zero, set PCT1 = PCT2 = 0 or set the $AX mute.
• The Sub Q absolute time is automatically controlled in this mode.
In other words, after the maximum value is generated, the absolute time for CRC to become OK is retained in
the memory. Normal operation is conducted for the relative time.
• The final bit (L/R flag) of the 96-bit data is normally 0.
• The pre-value hold and average value interpolation data are fixed to level (–
∞) in this mode.
SENS output switching
• This command enables the SQSO pin signal to be output from the SENS pin.
When SOC2 = 0, SENS output is performed as usual.
When SOC2 = 1, the SQSO pin signal is output from the SENS pin.
At this time, the readout clock is input to the SCLK pin.
Note) SOC2 should be switched when SQCK = SCLK = high.
Command bit
DADS = 0
DADS = 1
Set to 0 when crystal = 33.8688MHz.
Set to 1 when crystal = 16.9344MHz.
Processing
Command bit
SOC2 = 0
SOC2 = 1
The SENS signal is output from the
SENS pin as usual.
The SQSO pin signal is output from the
SENS pin.
Processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com