Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003 Datasheet(PDF) 48 Page - Sony Corporation

Part # CXD3003
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003 Datasheet(HTML) 48 Page - Sony Corporation

Back Button CXD3003 Datasheet HTML 44Page - Sony Corporation CXD3003 Datasheet HTML 45Page - Sony Corporation CXD3003 Datasheet HTML 46Page - Sony Corporation CXD3003 Datasheet HTML 47Page - Sony Corporation CXD3003 Datasheet HTML 48Page - Sony Corporation CXD3003 Datasheet HTML 49Page - Sony Corporation CXD3003 Datasheet HTML 50Page - Sony Corporation CXD3003 Datasheet HTML 51Page - Sony Corporation CXD3003 Datasheet HTML 52Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 137 page
background image
– 48 –
CXD3003R
Servo coefficient
setting
CLV CTRL ($DX)
Gain
MDP1
Gain
MDP0
Gain
MDS1
Gain
MDS0
Gain
CLVS
Gain
MDS1
0
0
0
0
1
1
Gain
MDS0
0
0
1
1
0
0
Gain
CLVS
0
1
0
1
0
1
GCLVS
–12dB
–6dB
–6dB
0dB
0dB
+6dB
Command
D23
Data 1
D22
D21
D20
Gain
DCLV0
Gain
DCLV1
PCC1 PCC0
D19
Data 2
Description
Valid only when DCLV = 1.
Valid when DCLV = 1 or 0.
D18
D17
D16
$CX commands
The spindle servo gain is externally set when DCLV = 1.
• CLVS mode gain setting: GCLVS
Note) When DCLV = 0, the CLVS gain is as follows.
When Gain CLVS = 0, GCLVS = –12dB.
When Gain CLVS = 1, GCLVS = 0dB.
Gain
MDP1
0
0
1
Gain
MDP0
0
1
0
GMDP
–6dB
0dB
+6dB
Gain
DCLV1
0
0
1
Gain
DCLV0
0
1
0
GDCLV
0dB
+6dB
+12dB
Gain
MDS1
0
0
1
Gain
MDS0
0
1
0
GMDS
–6dB
0dB
+6dB
• CLVP mode gain setting: GMDP: GMDS
• DCLV overall gain setting: GDCLV
Command bit
PCC1
PCC0
Processing
The VPCO1 and 2 signals are output.
The VPCO1 and 2 pin outputs are high impedance.
The VPCO1 and 2 pin outputs are low.
The VPCO1 and 2 pin outputs are high.
0
0
1
1
0
1
0
1
• This command controls the VPCO1 and VPCO2 pin signals.
Identical control can be performed for both VPCO1 and VPCO2 output with this setting. However, VPCO2 can
also be set to high impedance with the $E command FCSW separately from this setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com