Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003 Datasheet(PDF) 14 Page - Sony Corporation

Part # CXD3003
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003 Datasheet(HTML) 14 Page - Sony Corporation

Back Button CXD3003 Datasheet HTML 10Page - Sony Corporation CXD3003 Datasheet HTML 11Page - Sony Corporation CXD3003 Datasheet HTML 12Page - Sony Corporation CXD3003 Datasheet HTML 13Page - Sony Corporation CXD3003 Datasheet HTML 14Page - Sony Corporation CXD3003 Datasheet HTML 15Page - Sony Corporation CXD3003 Datasheet HTML 16Page - Sony Corporation CXD3003 Datasheet HTML 17Page - Sony Corporation CXD3003 Datasheet HTML 18Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 137 page
background image
– 14 –
CXD3003R
DAC Analog Characteristics
Measurement conditions
(Ta = 25°C, VDD = 3.3V, Fs = 44.1kHz, signal frequency = 1kHz, measurement band = 4Hz to 20kHz, master clock = 768Fs)
S/N ratio
THD + N
Dynamic range
Channel separation
Output level
Difference in gain between channels
93
0.015
91
91
1.7
0.1
dB
%
dB
dB
V (rms)
dB
Item
Typ.
Unit
(EIAJ) ∗1
(EIAJ)
(EIAJ) ∗1, ∗2
(EIAJ)
Remarks
CXD3003R
AO1F
AO1R
3.9k
130k
3.9k
3.9k
130k
3.9k
47p
47p
4.7k
4.7k
4.7k
820p
4.7k
820p
4.7k 4.7k
0.015
4.7k
1800p
82p
12k
100
22
OUTPUT
∗1 Using "A" weighting filter
∗2 –60 dB, 1kHz input
The analog characteristics measurement circuit is shown below.
AO1R
AO2F
AO2R
AO1F
TEST DISK
DATA
Audio Circuit
Analog
1ch
2ch
Audio Analyzer
SHIBASOKU (AM51A)
768fs
CXD3003R
Block diagram of analog characteristics measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com