Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003 Datasheet(PDF) 7 Page - Sony Corporation

Part # CXD3003
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003 Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXD3003 Datasheet HTML 3Page - Sony Corporation CXD3003 Datasheet HTML 4Page - Sony Corporation CXD3003 Datasheet HTML 5Page - Sony Corporation CXD3003 Datasheet HTML 6Page - Sony Corporation CXD3003 Datasheet HTML 7Page - Sony Corporation CXD3003 Datasheet HTML 8Page - Sony Corporation CXD3003 Datasheet HTML 9Page - Sony Corporation CXD3003 Datasheet HTML 10Page - Sony Corporation CXD3003 Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 137 page
background image
– 7 –
CXD3003R
83
84
85
86
87
88
89
91
92
93
94
95
96
97
98
99
100
101
102
103
104
105
106
111
112
113
114
115
116
117
118
119
120
121
122
O
O
I
O
O
O
I
I
I
I
I
I
I/O
I/O
I/O
I/O
I
O
O
O
O
I/O
I
O
O
O
1, Z, 0
1, 0
1, Z, 0
1, Z, 0
1, Z, 0
1, 0
1, 0
1, 0
1, 0
1, Z, 0
1, 0
1, Z, 0
1, Z, 0
1, 0
1, 0
1, 0
1, 0
Channel 2 DAC PWM output (forward phase).
Analog power supply.
Master clock power supply.
Master clock crystal oscillation circuit output.
Master clock crystal oscillation circuit input.
Master clock GND.
Analog GND.
Channel 1 DAC PWM output (forward phase).
Channel 1 DAC PWM output (reversed phase).
Analog power supply.
Digital power supply.
SENS output to CPU.
Used during 1-track jumps.
SENS serial data readout clock input.
Anti-shock pin.
Serial data input from CPU.
Latch input from CPU. Serial data is latched at the falling edge.
Serial data transfer clock input from CPU.
Digital GND.
Track count signal I/O.
Mirror signal I/O.
Defect signal I/O.
Focus OK signal I/O.
Test pin. Leave this open.
Spindle motor external pin input.
Spindle motor output filter switching output.
GRSCOR output when $8 command SCOR SEL = high.
Spindle motor on/off control output.
Spindle motor servo control output.
Spindle motor servo control output.
GFS is sampled at 460Hz; when GFS is high, this pin outputs a high signal.
If GFS is low eight consecutive samples, this pin outputs low. Input when
LKIN = high.
Disc innermost track detection signal input.
Digital GND.
Sled drive output.
Sled drive output.
Tracking drive output.
AO2F
AVDD4
AVDD5
XTLO
XTLI
AVSS5
AVSS3
AO1F
AO1R
AVDD3
AVDD4
SENS
DIRC
SCLK
ATSK
DATA
XLAT
CLOK
DVSS4
COUT
MIRR
DFCT
FOK
TESTA
PWMI
FSW
MON
MDP
MDS
LOCK
SSTP
DVSS5
SFDR
SRDR
TFDR
Pin
No.
Symbol
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com