Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003 Datasheet(PDF) 81 Page - Sony Corporation

Part # CXD3003
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003 Datasheet(HTML) 81 Page - Sony Corporation

Back Button CXD3003 Datasheet HTML 77Page - Sony Corporation CXD3003 Datasheet HTML 78Page - Sony Corporation CXD3003 Datasheet HTML 79Page - Sony Corporation CXD3003 Datasheet HTML 80Page - Sony Corporation CXD3003 Datasheet HTML 81Page - Sony Corporation CXD3003 Datasheet HTML 82Page - Sony Corporation CXD3003 Datasheet HTML 83Page - Sony Corporation CXD3003 Datasheet HTML 84Page - Sony Corporation CXD3003 Datasheet HTML 85Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 137 page
background image
– 81 –
CXD3003R
§4-6. Servo Auto Sequence
This function performs a series of controls, including auto focus and track jumps. When the auto sequence
command is received from the CPU, auto focus, 1-track jump, 2N-track jump, fine search and M-track move
are executed automatically.
The servo is used in an exclusive manner during the auto sequence execution (when XBUSY = low), so that
commands from the CPU are not transferred to the servo, but can be sent to the CXD3003R.
In addition, when using the auto sequence, turn the A.SEQ of register 9 on.
When CLOK goes from low to high while XBUSY is low, XBUSY does not become high for a maximum of
100µs after that point. This is to prevent the transfer of erroneous data to the servo when XBUSY changes
from low to high by the monostable multivibrator, which is reset by CLOK being low (when XBUSY is low).
In addition, a MAX timer is built into this LSI as a countermeasure against abnormal operation due to external
disturbances, etc. When the auto sequence command is sent from the CPU, this command assumes a $4XY
format, in which X specifies the command and Y sets the MAX timer value and timer range. If the executed
auto sequence command does not terminate within the set timer value, the auto sequence is interrupted (like
$40). See [1] "$4X commands" concerning the timer value and range. Also, the MAX timer is invalidated by
inputting $4X0.
Although this command is explained in the format of $4X in the following command descriptions, the timer
value and timer range are actually sent together from the CPU.
(a) Auto focus ($47)
Focus search-up is performed, FOK and FZC are checked, and the focus servo is turned on.
If $47 is received from the CPU, the focus servo is turned on according to Fig. 4-8. The auto focus starts with
focus search-up, and note that the pickup should be lowered beforehand (focus search-down). In addition,
blind E of register 5 is used to eliminate FZC chattering. Concretely, the focus servo is turned on at the falling
edge of FZC after FZC has been continuously high for a longer time than E.
(b) Track jump
1, 10 and 2N-track jumps are performed respectively. Always use this when the focus, tracking, and sled
servos are on. Note that tracking gain-up and braking-on ($17) should be sent beforehand because they are
not involved in this sequence.
• 1-track jump
When $48 ($49 for REV) is received from the CPU, a FWD (REV) 1-track jump is performed in accordance
with Fig. 4-9. Set blind A and brake B with register 5.
• 10-track jump
When $4A ($4B for REV) is received from the CPU, a FWD (REV) 10-track jump is performed in
accordance with Fig. 4-10. The principal difference from the 1-track jump is to kick the sled. In addition,
after kicking the actuator, when 5 tracks have been counted through COUT, the brake is applied to the
actuator. Then, when the actuator speed is found to have slowed up enough (determined by the COUT
cycle becoming longer than the overflow C set with register 5), the tracking and sled servos are turned on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com