Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003 Datasheet(PDF) 36 Page - Sony Corporation

Part # CXD3003
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003 Datasheet(HTML) 36 Page - Sony Corporation

Back Button CXD3003 Datasheet HTML 32Page - Sony Corporation CXD3003 Datasheet HTML 33Page - Sony Corporation CXD3003 Datasheet HTML 34Page - Sony Corporation CXD3003 Datasheet HTML 35Page - Sony Corporation CXD3003 Datasheet HTML 36Page - Sony Corporation CXD3003 Datasheet HTML 37Page - Sony Corporation CXD3003 Datasheet HTML 38Page - Sony Corporation CXD3003 Datasheet HTML 39Page - Sony Corporation CXD3003 Datasheet HTML 40Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 137 page
background image
– 36 –
CXD3003R
Command bit
Sync protection window width
WSEL = 1
WSEL = 0
±26 channel clock
±6 channel clock
Anti-rolling is enhanced.
Sync window protection is enhanced.
Application
∗ In normal-speed playback, channel clock = 4.3218MHz.
Command bit
Function
ASHS = 0
ASHS = 1
The command transfer rate to SSP is set to normal speed.
The command transfer rate to SSP is set to half speed.
Command bit
Function
SOCT = 0
SOCT = 1
Sub Q is output from the SQSO pin.
Each output signal is output from the SQSO pin. Input the readout clock to SQCK.
(See Timing Chart 2-4.)
∗ See "§4-8. Playback Speed" for settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com