Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003 Datasheet(PDF) 80 Page - Sony Corporation

Part # CXD3003
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003 Datasheet(HTML) 80 Page - Sony Corporation

Back Button CXD3003 Datasheet HTML 76Page - Sony Corporation CXD3003 Datasheet HTML 77Page - Sony Corporation CXD3003 Datasheet HTML 78Page - Sony Corporation CXD3003 Datasheet HTML 79Page - Sony Corporation CXD3003 Datasheet HTML 80Page - Sony Corporation CXD3003 Datasheet HTML 81Page - Sony Corporation CXD3003 Datasheet HTML 82Page - Sony Corporation CXD3003 Datasheet HTML 83Page - Sony Corporation CXD3003 Datasheet HTML 84Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 137 page
background image
– 80 –
CXD3003R
§4-5. Digital Out
There are three Digital Out: the type 1 format for broadcasting stations, the type 2 form 1 format for home use,
and the type 2 form 2 format for the manufacture of software.
The CXD3003R supports type 2 form 1.
The channel status clock accuracy is automatically set to level II when using the crystal clock and to level III in
CAV-W mode. In addition, Sub Q data which are matched twice in succession after a CRC check are input to
the first four bits (bits 0 to 3).
DOUT is output when the crystal is 34MHz and DSPB is set to 1 with XTSL high in CLV-N or CLV-W mode.
Therefore, set MD2 to 0 and turn DOUT off.
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0/1
0
0
0
ID0
ID1 COPY Emph
0
0
0
0
1
0
0
0
0
0
0
0
From sub Q
0
16
32
48
176
Sub Q control bits that matched twice with CRCOK
Digital Out C bit
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
VPON: 1
Crystal: 0
Bits 0 to 3
Bit 29
Table 4-6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com