Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003 Datasheet(PDF) 37 Page - Sony Corporation

Part # CXD3003
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003 Datasheet(HTML) 37 Page - Sony Corporation

Back Button CXD3003 Datasheet HTML 33Page - Sony Corporation CXD3003 Datasheet HTML 34Page - Sony Corporation CXD3003 Datasheet HTML 35Page - Sony Corporation CXD3003 Datasheet HTML 36Page - Sony Corporation CXD3003 Datasheet HTML 37Page - Sony Corporation CXD3003 Datasheet HTML 38Page - Sony Corporation CXD3003 Datasheet HTML 39Page - Sony Corporation CXD3003 Datasheet HTML 40Page - Sony Corporation CXD3003 Datasheet HTML 41Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 137 page
background image
– 37 –
CXD3003R
Command bit
Processing
VCOSEL1 = 0
VCOSEL1 = 1
Multiplier PLL VCO1 is set to normal speed.
Multiplier PLL VCO1 is set to approximately twice the normal speed.
Command bit
KSL3
KSL2
Processing
Output of multiplier PLL VCO1 selected by VCO1 CS1 and CS0 is 1/1 frequency-divided.
Output of multiplier PLL VCO1 selected by VCO1 CS1 and CS0 is 1/2 frequency-divided.
Output of multiplier PLL VCO1 selected by VCO1 CS1 and CS0 is 1/4 frequency-divided.
Output of multiplier PLL VCO1 selected by VCO1 CS1 and CS0 is 1/8 frequency-divided.
0
0
1
1
0
1
0
1
∗ This setting is valid only when the low-speed VCO is selected by VCO1 CS1 and CS0.
See the previous page.
Command
Data 2
MODE
specification
VCO
SEL1
ASHS SOCT
VCO
SEL2
D19
D18
D17
D16
Data 3
KSL3
KSL2
KSL1
KSL0
D15
D14
D13
D12
Command bit
Processing
VCOSEL2 = 0
VCOSEL2 = 1
Wide-band PLL VCO2 is set to normal speed.
Wide-band PLL VCO2 is set to approximately twice the normal speed.
Command bit
KSL1
KSL0
Processing
Output of wide-band PLL VCO2 selected by VCO2 CS is 1/1 frequency-divided.
Output of wide-band PLL VCO2 selected by VCO2 CS is 1/2 frequency-divided.
Output of wide-band PLL VCO2 selected by VCO2 CS is 1/4 frequency-divided.
Output of wide-band PLL VCO2 selected by VCO2 CS is 1/8 frequency-divided.
0
0
1
1
0
1
0
1
∗ This setting is valid only when the low-speed VCO is selected by VCO2 CS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com