Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003 Datasheet(PDF) 6 Page - Sony Corporation

Part # CXD3003
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003 Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXD3003 Datasheet HTML 2Page - Sony Corporation CXD3003 Datasheet HTML 3Page - Sony Corporation CXD3003 Datasheet HTML 4Page - Sony Corporation CXD3003 Datasheet HTML 5Page - Sony Corporation CXD3003 Datasheet HTML 6Page - Sony Corporation CXD3003 Datasheet HTML 7Page - Sony Corporation CXD3003 Datasheet HTML 8Page - Sony Corporation CXD3003 Datasheet HTML 9Page - Sony Corporation CXD3003 Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 137 page
background image
– 6 –
CXD3003R
41
42
43
44
45
46
47
48
49
50
51
52
53
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
75
76
77
78
79
80
81
82
O
O
O
O
O
O
O
O
I
O
I
O
O
O
I
O
I
O
O
O
I
O
I
I
I
I
I
I
I
I
I
O
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, Z, 0
DA08 output when PSSL = 1, GFS output when PSSL = 0.
DA07 output when PSSL = 1, RFCK output when PSSL = 0.
Digital power supply.
DA06 output when PSSL = 1, C2PO output when PSSL = 0.
DA05 output when PSSL = 1, XRAOF output when PSSL = 0.
DA04 output when PSSL = 1, MNT3 output when PSSL = 0.
DA03 output when PSSL = 1, MNT2 output when PSSL = 0.
DA02 output when PSSL = 1, MNT1 output when PSSL = 0.
DA01 output when PSSL = 1, MNT0 output when PSSL = 0.
Digital GND.
Crystal selection input.
Clock output. Inverted output of XTLI.
2/3 frequency division input for XTLI pin.
2/3 frequency division output for XTLI pin. Does not change with variable pitch.
1/4 frequency division output for XTLI pin. Changes with variable pitch.
16.9344MHz output. Changes simultaneously with variable pitch.
Digital power supply.
Digital Out on/off control (low = off, high = on).
Digital Out output.
Mute (low: off, high: on).
WFCK (Write Frame Clock) output.
Outputs a high signal when either subcode sync S0 or S1 is detected.
Sub P to W serial output.
SBSO readout clock input.
Sub Q 80-bit and PCM peak and level data 16-bit output.
SQSO readout clock input.
GRSCOR re-synchronization input. Normally low, re-syncronization is
executed when high.
System reset. Reset when low.
DAC test pin. Normally fixed to high.
DAC test pin. Normally fixed to high.
DAC test pin. Normally fixed to low.
DAC sync window open input. Normally high, window open when low.
DAC test pin. Normally fixed to high.
DAC test pin. Normally fixed to low.
Digital GND.
Analog GND.
Channel 2 DAC PWM output (reversed phase).
DA08
DA07
DVDD2
DA06
DA05
DA04
DA03
DA02
DA01
DVSS2
XTSL
MCKO
FSTI
FSTO
C4M
C16M
DVDD3
MD2
DOUT
MUTE
WFCK
SCOR
SBSO
EXCK
SQSO
SQCK
SCSY
XRST
DTS2
DTS1
DTS0
XWO
DAS0
DAS1
DVSS3
AVSS4
AO2R
Pin
No.
Symbol
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com