Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003 Datasheet(PDF) 76 Page - Sony Corporation

Part # CXD3003
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003 Datasheet(HTML) 76 Page - Sony Corporation

Back Button CXD3003 Datasheet HTML 72Page - Sony Corporation CXD3003 Datasheet HTML 73Page - Sony Corporation CXD3003 Datasheet HTML 74Page - Sony Corporation CXD3003 Datasheet HTML 75Page - Sony Corporation CXD3003 Datasheet HTML 76Page - Sony Corporation CXD3003 Datasheet HTML 77Page - Sony Corporation CXD3003 Datasheet HTML 78Page - Sony Corporation CXD3003 Datasheet HTML 79Page - Sony Corporation CXD3003 Datasheet HTML 80Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 137 page
background image
– 76 –
CXD3003R
§4-2. Frame Sync Protection
• In normal-speed playback, a frame sync is recorded approximately every 136µs (7.35kHz). This signal is
used as a reference to recognize the data within a frame. Conversely, if the frame sync cannot be
recognized, the data is processed as error data because the data cannot be recognized. As a result,
recognizing the frame sync properly is extremely important for improving playability.
• In the CXD3003R, window protection and forward protection/backward protection have been adopted for
frame sync protection. These functions achieve very powerful frame sync protection. There are two window
widths; one for cases where a rotational disturbance affects the player and the other for cases where there is
no rotational disturbance (WSEL = 0/1). In addition, the forward protection counter is fixed to 13, and the
backward protection counter to 3. Concretely, when the frame sync is being played back normally and then
cannot be detected due to scratches, a maximum of 13 frames are inserted. If the frame sync cannot be
detected for 13 frames or more, the window opens to resynchronize the frame sync.
In addition, immediately after the window opens and the resynchronization is executed, if a proper frame
sync cannot be detected within 3 frames, the window opens immediately.
§4-3. Error Correction
• In the CD format, one 8-bit data contains two error correction codes, C1 and C2. For C1 correction, the code
is created with 28-byte information and 4-byte C1 parity.
For C2 correction, the code is created with 24-byte information and 4-byte parity.
Both C1 and C2 are Reed Solomon codes with a minimum distance of 5.
• The CXD3003R uses refined super strategy to achieve double correction for C1 and quadruple correction for
C2.
• In addition, to prevent C2 miscorrection, a C1 pointer is attached to data after C1 correction according to the
C1 error status, the playback status of the EFM signal, and the operating status of the player.
• The correction status can be monitored externally. See Table 4-2.
• When the C2 pointer is high, the data in question was uncorrectable. Either the pre-value was held or an
average value interpolation was made for the data.
MNT3
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
No C1 errors;
C1 pointer reset
One C1 error corrected;
C1 pointer reset
—
—
No C1 errors;
C1 pointer set
One C1 error corrected;
C1 pointer set
Two C1 errors corrected;
C1 pointer set
C1 correction impossible;
C1 pointer set
No C2 errors;
C2 pointer reset
One C2 error corrected;
C2 pointer reset
Two C2 errors corrected;
C2 pointer reset
Three C2 errors corrected;
C2 pointer reset
Four C2 errors corrected;
C2 pointer reset
—
C2 correction impossible;
C1 pointer copy
C2 correction impossible;
C2 pointer set
MNT2
MNT1
MNT0
Description
Table 4-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com