Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003 Datasheet(PDF) 32 Page - Sony Corporation

Part # CXD3003
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003 Datasheet(HTML) 32 Page - Sony Corporation

Back Button CXD3003 Datasheet HTML 28Page - Sony Corporation CXD3003 Datasheet HTML 29Page - Sony Corporation CXD3003 Datasheet HTML 30Page - Sony Corporation CXD3003 Datasheet HTML 31Page - Sony Corporation CXD3003 Datasheet HTML 32Page - Sony Corporation CXD3003 Datasheet HTML 33Page - Sony Corporation CXD3003 Datasheet HTML 34Page - Sony Corporation CXD3003 Datasheet HTML 35Page - Sony Corporation CXD3003 Datasheet HTML 36Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 137 page
background image
– 32 –
CXD3003R
Description of SENS Signals
The SENS pin is high impedance.
Low while the auto sequencer is in operation, high when operation terminates.
Outputs the same signal as the FOK pin.
High for "focus OK".
High when the regenerated frame sync is obtained with the correct timing.
Counts the number of tracks set with Reg.B.
High when Reg.B is latched, low when the initial Reg.B number is input by CNIN.
Counts the number of tracks set with Reg.B.
High when Reg.B is latched, toggles each time the Reg.B number is input by CNIN. While $44
and $45 are being executed, toggles with each CNIN 8-count instead of the Reg.B number.
Low when the EFM signal is lengthened by 64 channel clock pulses or more after passing
through the sync detection filter.
Z
XBUSY
FOK
GFS
COMP
COUT
OV64
SENS output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com