Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003 Datasheet(PDF) 34 Page - Sony Corporation

Part # CXD3003
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003 Datasheet(HTML) 34 Page - Sony Corporation

Back Button CXD3003 Datasheet HTML 30Page - Sony Corporation CXD3003 Datasheet HTML 31Page - Sony Corporation CXD3003 Datasheet HTML 32Page - Sony Corporation CXD3003 Datasheet HTML 33Page - Sony Corporation CXD3003 Datasheet HTML 34Page - Sony Corporation CXD3003 Datasheet HTML 35Page - Sony Corporation CXD3003 Datasheet HTML 36Page - Sony Corporation CXD3003 Datasheet HTML 37Page - Sony Corporation CXD3003 Datasheet HTML 38Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 137 page
background image
– 34 –
CXD3003R
Command
Data 1
Data 2
Data 3
Data 4
D23 D22 D21 D20 D19 D18 D17 D16 D15 D14 D13 D12 D11 D10 D9
D8
215
214
213
212
211
210
29
28
27
26
25
24
23
22
21
20
Auto sequence track jump
count setting
This command is used to set N when a 2N-track jump is executed, to set M when an M-track move is
executed and to set the jump count when fine search is executed for auto sequence.
• The maximum track count is 65,535, but note that with a 2N-track jump the maximum track jump count
depends on the mechanical limitations of the optical system.
• When the track jump count is from 0 to 15, the COUT signal counted for 2N-track jumps and M-track moves;
when the count is 16 or over, the MIRR signal is counted. For fine search, the COUT signal is counted.
$7X commands
Auto sequence track jump count setting
$6X commands
Register name
6
Data 1
KICK (D)
Data 2
KICK (F)
SD3
SD2
SD1
SD0
KF3
KF2
KF1
KF0
Timer
SD3
SD2
SD1
SD0
When executing KICK (D) $44 or $45
When executing KICK (D) $4C or $4D
23.2ms
11.6ms
11.6ms
5.8ms
5.8ms
2.9ms
2.9ms
1.45ms
Timer
KF3
KF2
KF1
KF0
KICK (F)
0.72ms
0.36ms
0.18ms
0.09ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com