Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003 Datasheet(PDF) 63 Page - Sony Corporation

Part # CXD3003
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003 Datasheet(HTML) 63 Page - Sony Corporation

Back Button CXD3003 Datasheet HTML 59Page - Sony Corporation CXD3003 Datasheet HTML 60Page - Sony Corporation CXD3003 Datasheet HTML 61Page - Sony Corporation CXD3003 Datasheet HTML 62Page - Sony Corporation CXD3003 Datasheet HTML 63Page - Sony Corporation CXD3003 Datasheet HTML 64Page - Sony Corporation CXD3003 Datasheet HTML 65Page - Sony Corporation CXD3003 Datasheet HTML 66Page - Sony Corporation CXD3003 Datasheet HTML 67Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 137 page
background image
– 63 –
CXD3003R
Timing Chart 1-15
CLV-W mode DCLV PWM MD = LPWR = 0
Z
MDS
MDP
Acceleration
Z
Deceleration
132kHz
3.8µs
Output Waveforms with DCLV = 1
Timing Chart 1-16
CLV-W mode DCLV PWM MD = 0, LPWR = 1
Z
MDS
MDP
Acceleration
Z
132kHz
3.8µs
Output Waveforms with DCLV = 1
The BRAKE pulse is masked when LPWR = 1.
Timing Chart 1-17
CAV-W mode EPWM = DCLV PWM MD = LPWR = 0
MDP
Acceleration
Z
Deceleration
264kHz
3.8µs
Timing Chart 1-18
CAV-W mode EPWM = DCLV PWM MD = 0, LPWR = 1
MDP
Acceleration
Z
264kHz
3.8µs
The BRAKE pulse is masked when LPWR = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com