Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003 Datasheet(PDF) 5 Page - Sony Corporation

Part # CXD3003
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003 Datasheet(HTML) 5 Page - Sony Corporation

  CXD3003 Datasheet HTML 1Page - Sony Corporation CXD3003 Datasheet HTML 2Page - Sony Corporation CXD3003 Datasheet HTML 3Page - Sony Corporation CXD3003 Datasheet HTML 4Page - Sony Corporation CXD3003 Datasheet HTML 5Page - Sony Corporation CXD3003 Datasheet HTML 6Page - Sony Corporation CXD3003 Datasheet HTML 7Page - Sony Corporation CXD3003 Datasheet HTML 8Page - Sony Corporation CXD3003 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 137 page
background image
– 5 –
CXD3003R
Pin Description
Pin
No.
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
39
40
I
I
I
O
O
I
O
I
O
I
I
I
I
O
I
I
O
O
I
O
I
O
I
O
O
O
O
O
O
1, Z, 0
1, Z, 0
Analog
1, Z, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
Sled error signal input.
Focus error signal input.
Center voltage input.
Wide-band EFM PLL VCO2 charge pump output.
Wide-band EFM PLL VCO2 charge pump output 2. Turned on and off by $E
command FCSW.
Wide-band EFM PLL VCO2 control voltage input.
Master PLL filter output (slave = digital PLL).
Master PLL filter input.
Master PLL charge pump output.
Multiplier VCO control voltage input.
Analog GND.
EFM signal input.
Asymmetry circuit constant current input.
Asymmetry comparator voltage input.
EFM full-swing output (low = VSS, high = VDD).
Analog power supply.
Digital power supply.
Digital GND.
Asymmetry circuit on/off (low = off, high = on).
Audio data output mode switching input (low: serial, high: parallel).
D/A interface for 48-bit slot. Word clock f = 2Fs.
D/A interface for 48-bit slot. LR clock f = Fs.
LR clock input to DAC (48-bit slot).
DA16 (MSB) output when PSSL = 1, 48-bit slot serial data output (two's
complement, MSB first) when PSSL = 0.
Audio data input to DAC (48-bit slot).
DA15 output when PSSL = 1, 48-bit slot bit clock output when PSSL = 0.
Bit clock input to DAC (48-bit slot).
DA14 output when PSSL = 1, 64-bit slot serial data output (two's
complement, LSB first) when PSSL = 0.
DA13 output when PSSL = 1, 64-bit slot bit clock output when PSSL = 0.
DA12 output when PSSL = 1, 64-bit slot LR clock output when PSSL = 0.
DA11 output when PSSL = 1, GTOP output when PSSL = 0.
DA10 output when PSSL = 1, XUGF output when PSSL = 0.
DA09 output when PSSL = 1, XPLCK output when PSSL = 0.
SE
FE
VC
VPCO1
VPCO2
VCTL
FILO
FILI
PCO
CLTV
AVSS1
RFAC
BIAS
ASYI
ASYO
AVDD1
DVDD1
DVSS1
ASYE
PSSL
WDCK
LRCK
LRCKI
DA16
PCMDI
DA15
BCKI
DA14
DA13
DA12
DA11
DA10
DA09
Symbol
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com