Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 148 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 148 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 144Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 145Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 146Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 152Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
148
16.2.2
PROGRAMMING THE SINK CURRENT
The sink currents for ISINKA and ISINKB can be independently programmed by writing to the
CS1_ISEL and CS2_ISEL register bits. The current steps are logarithmic to match the logarithmic
light sensitivity characteristic of the human eye. The step size is 1.5dB (i.e. the current doubles every
four steps).
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R172 (ACh)
Current Sink
Driver A
5:0
CS1_ISEL
00 0000
ISINKA current = 4.05μA × 2CSn_ISEL/4
where CS1_ISEL is an unsigned binary
number
Minimum: 00 0000 = 4.05μA,
Maximum: 11 1111 = 220mA
(from circuit simulation)
or
CS1_ISEL = 13.3 × log (desired current /
4.05μA)
R174 (AEh)
Current Sink
Driver B
5:0
CS2_ISEL
00 0000
ISINKB current = 4.05μA × 2CSn_ISEL/4
where CS2_ISEL is an unsigned binary
number
Minimum: 00 0000 = 4.05μA,
Maximum: 11 1111 = 220mA
(from circuit simulation)
or
CS2_ISEL = 13.3 × log (desired current /
4.05μA)
Table 97 Controlling the Sink Current for ISINKA and ISINKB
Note that currents above 40mA are not supported continuously; these settings are intended for flash
mode only.
16.2.3
FLASH MODE
Each current sink can either sink current continuously (LED mode) or in short bursts (flash mode).
The operating mode is selected by the CSn_FLASH_MODE bits, as described in Table 98.
In LED mode, the current sink is controlled by setting CSn_DRIVE. For as long as this bit is
asserted, the LED is enabled continuously.
In Flash mode, the current sink may be set to automatically flash every 4 seconds by setting
CSn_FLASH_RATE = 1, or may be triggered normally by setting CSn_FLASH_RATE = 0.
When normal triggering is selected in Flash mode, the trigger control can be either a GPIO Flash
input (see Section 20) or a register control. Setting CSn_TRIGSRC = 1 selects GPIO as the trigger.
The flash will be edge triggered by the selected GPIO input. Setting CSn_TRIGSRC = 0 selects the
register field CSn_DRIVE as the trigger. In this case, writing a 1 to CSn_DRIVE will trigger a flash;
this bit will be reset at the end of the flash.
In all flash modes, the duration of each flash is set by CSn_FLASH_DUR. The status of each current
sink may be read from the CSn_DRIVE bits.
In all modes, the current sink must also be enabled via the applicable CSn_ENA bit (see Table 96).
Note that some photo-flash applications may require a reservoir capacitor to store sufficient charge
for the flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com