Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 150 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 150 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 146Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 152Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 153Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 154Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
150
16.2.4
ON/OFF RAMP TIMING
The sink currents for ISINKA and ISINKB can be programmed to switch on and off gradually in LED
and in Flash modes. The current ramp durations are set as described in Table 99.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R173 (ADh) for
ISINKA
R175 (AFh) for
ISINKB
5:4
CSn_OFF_RA
MP [1:0]
00
Switch-off ramp duration
LED Mode
Flash Mode
00 = instant (no
ramp)
01 = 0.25s
10 = 0.5s
11 = 1s
00 = instant (no
ramp)
01 = 1.95ms
10 = 3.91ms
11 = 7.8ms
1:0
CSn_ON_RAM
P [1:0]
00
Switch-on ramp duration
Similar to CSn_OFF_RAMP
Note: n is either ‘1’ for ISINKA or ‘2’ for ISINKB
Table 99 Configuring On/Off Ramp Timing for ISINKA and ISINKB
16.2.5
INTERRUPTS AND FAULT PROTECTION
The Current Sinks have a first-level interrupt, CS_INT (see Section 24). This comprises two second-
level interrupts which indicate if the Current Sinks are unable to sink the amount of current that has
been programmed. CS1_EINT and CS2_EINT can be masked by setting the applicable mask bit as
defined in Table 100.
ADDRESS
BIT
LABEL
DESCRIPTION
R26 (1Ah)
Interrupt Status
2
13
CS1_EINT
Flag to indicate drain voltage can no
longer be regulated and output current
may be out of spec.
(Rising Edge triggered)
Note: This bit is cleared once read.
12
CS2_EINT
Flag to indicate drain voltage can no
longer be regulated and output current
may be out of spec.
(Rising Edge triggered)
Note: This bit is cleared once read.
R34 (22h)
Interrupt Status
2 Mask
13:12
“IM_” + name of respective
bit in R26
Each bit in R34 enables or masks the
corresponding bit in R26. The default
value for these bits is 0 (unmasked).
Table 100 Current Sink Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com