Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 183 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 183 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 179Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 180Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 181Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 182Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 183Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 184Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 185Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 186Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 187Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
183
ALTERNATE
FUNCTION NAME
INPUT /
OUTPUT
DESCRIPTION
/WAKEUP
Input
Logic input signal causes wakeup from OFF or
HIBERNATE states. Can be used for accessory detection.
See Section 14.
32kHz
Input
32kHz clock input to Real Time Clock. See Section 22.
ADA
Output
Aux ADC external data available signal. See Section 19.
0 = AUXADC external data not available
1 = AUXADC external data available
ADCLRCLK
Output
Alternate Left/Right clock for CODEC ADC digital interface.
When this function is selected, the LRCLK pin supports the
DAC interface only, and GPIO5 provides the ADC digital
interface L/R clock. See Section 12.
ADCLRCLKB
Output
Inverted Left/Right clock for CODEC ADC digital interface.
When this function is selected, the LRCLK pin supports the
DAC interface only, and GPIO6 provides the inverted ADC
digital interface L/R clock. See Section 12.
ADCBCLK
Output
Alternate BCLK for CODEC ADC digital interface. When
this function is selected, the BCLK pin supports the DAC
interface only, and GPIO8 provides the ADC digital
interface BCLK signal. See Section 12.
/BATT_FAULT
Output
Same as /UVLO signal – indicates no power present.
Should be output as soon as possible after /UVLO.
CH_IND
Output
Battery Charge status indication. This output can drive an
LED, which indicates battery charging status through
different flash rates. See Section 17.
CODEC_OPCLK
Output
Output clock from CODEC. Frequency is determined by
OPCLK_DIV. See Section 12.
DO_CONF
Output
Output used for development mode programming. Signal
goes high to indicate that external programming can take
place (during the Pre-Active state). Same functionality as
PWR_ON (GPIO output) but with additional programmable
option to prevent reset in OFF mode. See Section 14.
FLASH_OUT
Output
Logic output asserted for the duration of a Flash. Triggered
by either SINKA or SINKB; Triggered by GPIO or
CSn_FLASH bit. See Section 16.
FLL_CLK
Output
Output FLL clock. See Section 12.4.
ISINKC
Output
Open-drain output which can be used to drive LEDs
connected to LINE via a series resistor. See Section 16.
ISINKD
Output
Open-drain output which can be used to drive LEDs
connected to LINE via a series resistor. See Section 16.
ISINKE
Output
Open-drain output which can be used to drive LEDs
connected to LINE via a series resistor. See Section 16.
LINE_SW
Output
Used to drive an external PFET between ‘Wall’ supply and
LINE input, in order to prevent reverse conduction when
the Wall Adapter is disconnected. See Section 17.1.
LINE_GT_BATT
Output
Output to enable external PFET to reduce IR loses when
LINE is greater than BATT
MICDET
Output
Logic output indicating microphone bias current detection.
0 = Mic Bias Current not detected
1 = Mic Bias Current detected
Note that an Interrupt is also generated by this event. See
Section 13.12.2.
MICSHT
Output
Logic output indicating microphone bias short circuit
detection.
0 = Mic Bias Short Circuit not detected
1 = Mic Bias Short Circuit detected
Note that an Interrupt is also generated by this event. See
Section 13.12.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com