Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 185 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 185 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 181Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 182Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 183Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 184Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 185Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 186Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 187Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 188Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 189Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
185
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R140 (8Ch
GPIO function
select 1
3:0
GP0_FN
Dependan
t on
CONFIG
settings
Selects function of GPIO0
7:4
GP1_FN
Selects function of GPIO1
11:8
GP2_FN
Selects function of GPIO2
15:12
GP3_FN
Selects function of GPIO3
R141 (8Dh)
GPIO function
select 2
3:0
GP4_FN
Selects function of GPIO4
7:4
GP5_FN
Selects function of GPIO5
11:8
GP6_FN
Selects function of GPIO6
15:12
GP7_FN
Selects function of GPIO7
R142 (8Eh)
GPIO function
select 3
3:0
GP8_FN
Selects function of GPIO8
7:4
GP9_FN
Selects function of GPIO9
11:8
GP10_FN
Selects function of GPIO10
15:12
GP11_FN
Selects function of GPIO11
R143 (8Fh)
3:0
GP12_FN
Selects function of GPIO12
Table 125 Control Registers to Select GPIO Alternate Functions
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R140 (8Ch
GPIO
function
select 1
3:0
GP0_FN
[3:0]
Dependant on
CONFIG
settings
GPIO0 function definition
Input
(GPn_DIR=1)
Output
(GPn_DIR=0)
0000
GPIO
GPIO
0001
PWR_ON
PWR_ON
0010
/LDO_ENA
VRTC
0011
L_PWR1
POR_B
0100
PWR_OFF
/RST
0101
CHIP_RESET
7:4
GP1_FN
[3:0]
Dependant on
CONFIG
settings
GPIO1 function definition
Input
Output
0000
GPIO
GPIO
0001
PWR_ON
DO_CONF
0010
/LDO_ENA
/RST
0011
L_PWR2
/MEMRST
0100
/WAKEUP
32kHz
11:8
GP2_FN
[3:0]
Dependant on
CONFIG
settings
GPIO2 function definition
Input
Output
0000
GPIO
GPIO
0001
PWR_ON
PWR_ON
0010
/WAKEUP
VRTC
0011
32kHz
32kHz
0100
L_PWR3
/RST
15:1
2
GP3_FN
[3:0]
Dependant on
CONFIG
settings
GPIO3 function definition
Input
Output
0000
GPIO
GPIO
0001
PWR_ON
P_CLK
0010
/LDO_ENA
VRTC
0011
PWR_OFF
32kHz
0100
FLASH
/MEMRST
Note: Undocumented combinations for GPn_FN (n = 0 to 3) are reserved
Table 126 GPIO Function Select 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com