Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 231 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 231 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 227Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 228Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 229Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 230Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 231Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 232Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 233Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 234Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 235Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
231
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R23 (17h)
RTC Time
Control
15
RTC_BCD
0
RTC Coding (applies to all time registers)
0 = Binary
1 = BCD
14
RTC_12HR
0
RTC 12/24 hours mode
1 = 12 hours (MSB of RTC_HRS indicates AM/PM)
0 = 24 hours (MSB of RTC_HRS is 0)
11
RTC_SET
0
Stops RTC seconds counter (instruction only)
0 = normal operation
1 = stop counter
10
RTC_STS
0
Status of RTC seconds counter
0 = normal operation
1 = counter stopped
9
RTC_ALMSET
1
Stops alarms (instruction only)
0 = normal operation
1 = stop alarms
It is recommended to stop alarms when setting the
RTC alarm. This avoids false alarms.
8
RTC_ALMSTS
1
Actual status of ALARM circuitry
0 = normal operation
1 = alarms stopped
6:4
RTC_PINT[2:0]
010
Selects frequency of periodic interrupt output pulse
(32kHz period duration) as shown below. When set
time status is high, the periodic output is disabled.
000 = disabled
001 = 1 sec
010 = 1 min
011 = 1 hour
100 = 1 day
101 = 1 month
11x = disabled
3:0
RTC_DSW[3:0]
0000
Divided Square wave select.
0000 = disabled
0001 = 1Hz
0010 = 2Hz
…
1011 = 1024Hz
1100 = 2048Hz
1101 = 4096Hz
1110 = 8192Hz
1111 = 16384Hz
Note: due to trim settings for crystal intolerances a
single square wave period during seconds rollover
may be decrease its on time period or increase its off
time period by up to 8 32kHz periods.
Register 17h RTC Time Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com