Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 234 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 234 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 230Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 231Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 232Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 233Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 234Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 235Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 236Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 237Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 238Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
234
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
3
SYS_HYST_COMP_FAIL_EINT
0
Hysteresis comparator indication that
LINE or BATT is less that shutdown
threshold.
(Rising Edge triggered)
Note: This bit is cleared once read.
2
SYS_CHIP_GT115_EINT
0
Chip over 115°C temp limit.
(Rising Edge triggered)
Note: This bit is cleared once read.
1
SYS_CHIP_GT140_EINT
0
Chip over 140°C temp limit.
(Rising Edge triggered)
Note: This bit is cleared once read.
0
SYS_WDOG_TO_EINT
0
Watchdog timeout has occurred.
(Rising Edge triggered)
Note: This bit is cleared once read.
Register 1Ah Interrupt Status 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R28 (1Ch)
Under
Voltage
Interrupt
status
11
UV_LDO4_EINT
0
LDO4 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
10
UV_LDO3_EINT
0
LDO3 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
9
UV_LDO2_EINT
0
LDO2 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
8
UV_LDO1_EINT
0
LDO1 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
5
UV_DC6_EINT
0
DCDC6 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
4
UV_DC5_EINT
0
DCDC5 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
3
UV_DC4_EINT
0
DCDC4 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
2
UV_DC3_EINT
0
DCDC3 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
1
UV_DC2_EINT
0
DCDC2 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
0
UV_DC1_EINT
0
DCDC1 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
Register 1Ch Under Voltage Interrupt status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com