Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 244 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 244 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 240Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 241Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 242Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 243Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 244Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 245Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 246Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 247Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 248Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
244
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R41 (29h)
Clock
Control 2
15
LRC_ADC_SEL
0
Selects either ADCLRCLK or DACLRCLK to drive
LRCLK pin in Master mode
0 = DACLRCLK
1 = ADCLRCLK
0
MCLK_DIR
0
Whether MCLK is an input or an output.
0 = MCLK is an input
1 = MCLK is an output
Register 29h Clock Control 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R42 (2Ah)
FLL Control
1
15
FLL_ENA
0
Digital Enable for FLL
0 = disabled
1 = enabled
Note that FLL_OSC_ENA must be enabled before
enabling FLL_ENA.
14
FLL_OSC_ENA
0
Analogue Enable for FLL
0 = FLL disabled
1 = FLL enabled
Note that FLL_OSC_ENA must be enabled before
enabling FLL_ENA.
10:8
FLL_OUTDIV
[2:0]
010
FOUT clock divider
000 = FVCO / 2
001 = FVCO / 4
010 = FVCO / 8
011 = FVCO / 16
100 = FVCO / 32
101 = Reserved
110 = Reserved
111 = Reserved
7:4
FLL_RSP_RATE
0000
FLL Loop Gain
0000 = x 1 (Recommended value)
0001 = x 2
0010 = x 4
0011 = x 8
0100 = x 16
0101 = x 32
0110 = x 64
0111 = x 128
1000 = x 256
Recommended that these are not changed from
default.
2:0
FLL_RATE [2:0]
000
Frequency of the FLL control block
000 = FVCO / 1 (Recommended value)
001 = FVCO / 2
010 = FVCO / 4
011 = FVCO / 8
100 = FVCO / 16
101 = FVCO / 32
Recommended that these are not changed from
default.
Register 2Ah FLL Control 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com