Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 246 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 246 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 242Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 243Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 244Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 245Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 246Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 247Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 248Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 249Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 250Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
246
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R48 (30h)
DAC Control
13
DAC_MONO
0
Adds left and right channel and halves the
resulting output to create a mono output
12
AIF_LRCLKRATE
0
Mode Select
1 = USB mode (272 * Fs)
0 = Normal mode (256 * Fs)
5:4
DEEMP[1:0]
00
DAC De-emphasis filter control
00 = No de-emphasis
01 = 32kHz sample rate
10 = 44.1kHz sample rate
11 = 48kHz sample rate
3
DAC_SDMCLK_RATE
0
DAC_SDMCLK_RATE allows the DAC SDM to
be run at a speed higher than 64*fs. This is used
for low sample rate modes to allow the SDM to
run fast enough to shape the noise so that none
of it appears in the audio band. On the previous
version, at 8k sample rate you could hear some
high frequency noise when playing back through
a decent system.
1
DACL_DATINV
0
DAC data left channel polarity
0 = Normal
1 = Inverted
0
DACR_DATINV
0
DAC data right channel polarity
0 = Normal
1 = Inverted
Register 30h DAC Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R50 (32h)
DAC Digital
Volume L
15
DACL_ENA
0
Left DAC enable
0 = disabled
1 = enabled
8
DAC_VU
0
DAC left and DAC right volume do not update until a
1 is written to either DAC_VU register bit.
7:0
DACL_VOL[7:0] 1100_0000 Left DAC digital volume control:
0000_0000 = Digital mute
0000_0001 = -71.625dB
0000_0010 = -71.25dB
… (0.375dB steps)
1100_000 = 0dB
Register 32h DAC Digital Volume L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com