Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 249 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 249 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 245Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 246Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 247Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 248Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 249Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 250Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 251Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 252Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 253Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
249
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R64 (40h)
ADC Control
15
ADC_HPF_ENA
1
High Pass Filter enable
0 = disabled
1 = enabled
9:8
ADC_HPF_CUT[1:0]
00
Select cut-off frequency for high-pass filter
00 = 2^-11 (first order) = 3.7Hz @44.1kHz
01 = 2^-5 (2nd order) = ~250Hz @8kHz
10 = 2^-4 (2nd order) = ~250Hz @16kHz
11 = 2^-3 (2nd order) = ~250Hz @32kHz
1
ADCL_DATINV
0
ADC Left channel polarity:
0 = Normal
1 = Inverted
0
ADCR_DATINV
0
ADC Right Channel Polarity
0 = Normal
1 = Inverted
Register 40h ADC Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R66 (42h)
ADC Digital
Volume L
15
ADCL_ENA
0
Left ADC enable
0 = disabled
1 = enabled
8
ADC_VU
0
ADC left and ADC right volume do not update until a
1 is written to either ADC_VU register bit.
7:0
ADCL_VOL[7:0] 1100_0000 Left ADC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -71.625dB
0000 0010 = -71.25dB
... 0.375dB steps up to
1110 1111 = +17.625dB
Register 42h ADC Digital Volume L
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R67 (43h)
ADC Digital
Volume R
15
ADCR_ENA
0
Right ADC enable
0 = disabled
1 = enabled
8
ADC_VU
0
ADC left and ADC right volume do not update until a
1 is written to either ADC_VU register bit.
7:0
ADCR_VOL[7:0] 1100_0000 Right ADC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -71.625dB
0000 0010 = -71.25dB
... 0.375dB steps up to
1110 1111 = +17.625dB
Register 43h ADC Digital Volume R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com