Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 253 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 253 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 249Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 250Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 251Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 252Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 253Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 254Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 255Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 256Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 257Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
253
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R78 (4Eh)
Anti Pop
Control
9:8
ANTI_POP[1:0]
00
Reduces pop when VMID is enabled by setting the
speed of the S-ramp for VMID.
00 = no S-ramp (will pop)
01 = Fastest S-curve
10 = Medium S-curve
11 = Slowest S-curve
7:6
DIS_OP_LN4[1:0]
00
Sets the Discharge rate for OUT4
00 = discharge path OFF
01 = fastest discharge
10 = medium discharge
11 = slowest discharge
5:4
DIS_OP_LN3[1:0]
00
Sets the Discharge rate for OUT3
00 = discharge path OFF
01 = fastest discharge
10 = medium discharge
11 = slowest discharge
3:2
DIS_OP_OUT2[1:0]
00
Sets the discharge rate for OUT2L and OUT2R
00 = discharge path OFF
01 = fastest discharge
10 = medium discharge
11 = slowest discharge
1:0
DIS_OP_OUT1[1:0]
00
Sets the discharge rate for OUT1L and OUT1R
00 = discharge path OFF
01 = fastest discharge
10 = medium discharge
11 = slowest discharge
Register 4Eh Anti Pop Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R80 (50h)
Left Input
Volume
15
INL_ENA
0
Left input PGA enable
0 = disabled
1 = enabled
14
INL_MUTE
0
Mute control for left channel input PGA:
0 = Input PGA not muted, normal operation
1 = Input PGA muted (and disconnected from the
following input record mixer).
13
INL_ZC
0
Left channel input PGA zero cross enable:
0 = Update gain when gain register changes
1 = Update gain on 1st zero cross after gain register
write.
8
IN_VU
0
Input left PGA and input right PGA volume do not
update until a 1 is written to either IN_VU register bit.
7:2
INL_VOL[5:0]
01_0000
Left channel input PGA volume
000000 = -12dB
000001 = -11.25dB
.
010000 = 0dB
.
111111 = 35.25dB
Register 50h Left Input Volume



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com