Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 255 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 255 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 251Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 252Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 253Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 254Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 255Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 256Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 257Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 258Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 259Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
255
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R89 (59h)
Right Mixer
Control
15
MIXOUTR_ENA
0
Right output mixer enable.
0 = disabled
1 = enabled
12
DACR_TO_MIXOUTR
1
Right DAC output to right output mixer
0 = not selected
1 = selected
11
DACL_TO_MIXOUTR
0
Left DAC output to right output mixer
0 = not selected
1 = selected
3
IN3R_TO_MIXOUTR
0
IN3R amplifier output to right output mixer:
0 = not selected
1 = selected
1
INR_TO_MIXOUTR
0
Right input PGA output to right output mixer
0 = not selected
1 = selected
0
INL_TO_MIXOUTR
0
Left input PGA output to right output mixer
0 = not selected
1 = selected
Register 59h Right Mixer Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R92 (5Ch)
OUT3 Mixer
Control
15
OUT3_ENA
0
OUT3 enable
0 = disabled
1 = enabled
11
DACL_TO_OUT3
0
Left DAC output to OUT3
0 = disabled
1 = enabled
8
MIXINL_TO_OUT3
0
Left input mixer to OUT3
0 = disabled
1 = enabled
3
OUT4_TO_OUT3
0
OUT4 mixer to OUT3
0 = disabled
1 = enabled
0
MIXOUTL_TO_OUT3
0
Left output mixer to OUT3
0 = disabled
1 = enabled
Register 5Ch OUT3 Mixer Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com