Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 289 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 289 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 285Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 286Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 287Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 288Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 289Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 290Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 291Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 292Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 293Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
289
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
01_1100 = 510uA
01_1101 = 612uA
01_1110 = 713uA
01_1111 = 865uA
10_0000 = 1.02mA
10_0001 = 1.22mA
10_0010 = 1.42mA
10_0011 = 1.73mA
10_0100 = 2.03mA
10_0101 = 2.43mA
10_0110 = 2.83mA
10_0111 = 3.43mA
10_1000 = 4.08mA
10_1001 = 4.89mA
10_1010 = 5.7mA
10_1011 = 6.91mA
10_1100 = 8.13mA
10_1101 = 9.74mA
10_1110 = 11.3mA
10_1111 = 13.7mA
11_0000 = 16.3mA
11_0001 = 19.6mA
11_0010 = 22.8mA
11_0011 = 27.6mA
11_0100 = 32.5mA
11_0101 = 39mA
11_0110 = 45.4mA
11_0111 = 54.9mA
11_1000 = 65.3mA
11_1001 = 78.2mA
11_1010 = 91.2mA
11_1011 = 111mA
11_1100 = 130mA
11_1101 = 156mA
11_1110 = 181mA
11_1111 = 220mA
Reset by state machine.
Register AEh Current Sink Driver B
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R175 (AFh)
CSB Flash
control
15
CS2_FLASH_MODE
0
Determines the function of the current sink
0 = LED mode
1 = Flash mode
Reset by state machine.
14
CS2_TRIGSRC
0
Selects the trigger in Flash mode.
0 = Flash triggered by CS2_DRIVE bit
1 = Flash triggered from GPIO pin configured as
FLASH
This bit has no effect when
CS2_FLASH_MODE=0
Reset by state machine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com