Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 292 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 292 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 288Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 289Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 290Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 291Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 292Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 293Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 294Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 295Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 296Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
292
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
Reset by state machine. Default held in metal mask.
2
DC3_ENA
0
DCDC3 converter enable
0 = disabled
1 = enabled
Note: internal conditions may prevent the converter
from actually switching on - see DCDC/LDO Status
register for actual converter status.
Reset by state machine. Default held in metal mask.
1
DC2_ENA
0
DCDC2 converter enable
0 = disabled
1 = enabled
Note: internal conditions may prevent the converter
from actually switching on - see DCDC/LDO Status
register for actual converter status.
Reset by state machine. Default held in metal mask.
0
DC1_ENA
0
DCDC1 converter enable
0 = disabled
1 = enabled
Note: internal conditions may prevent the converter
from actually switching on - see DCDC/LDO Status
register for actual converter status.
Reset by state machine. Default held in metal mask.
Register B0h DCDC/LDO requested
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R177 (B1h)
DCDC
Active
options
15
DCDC_DISCLKS
0
DCDC clock enable
0 = DCDC Clocks enabled
1 = DCDC1, 3, 4 and 6 clocks disabled.
Note: This feature is useful in reducing the current
consumption if all 4 DCDCs are in LDO mode. The
requirement is to put them in LDO mode and then at
least 100us is required before clocks are disabled.
Again while coming out of LDO mode first enable the
clocks and then at least 100us wait and then come
out of LDO mode. This can only be used if the
processor is alive to set and unset this bit.
Reset by state machine.
13:12
PUTO[1:0]
00
Power up time out value for all converters
00 = 0.5ms
01 = 2ms
10 = 32ms
11 = 256ms
Reset by state machine.
5
DC6_ACTIVE
1
DC-DC 6 Active mode
0 = Select Standby mode
1 = Select Active mode
Reset by state machine.
3
DC4_ACTIVE
1
DC-DC 4 Active mode
0 = Select Standby mode
1 = Select Active mode
Reset by state machine.
2
DC3_ACTIVE
1
DC-DC 3 Active mode
0 = Select Standby mode
1 = Select Active mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com