Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 294 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 294 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 290Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 291Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 292Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 293Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 294Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 295Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 296Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 297Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 298Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
294
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
mask.
Register B3h Power-check comparator
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R180 (B4h)
DCDC1
Control
15:14
DC1_CAP[1:0]
00
DC-DC1 Output Capacitor
00 = 10uF, 30uF, 45uF
01 = 60uF, 85uF
10 = Not used
11 = 100uF
Reset by state machine.
11
DC1_DISOVP
0
Over voltage Protection
0 = enabled
1 = disabled
Reset by state machine. Default held in metal mask.
10
DC1_OPFLT
0
Enable discharge of DC-DC1 outputs when DC-DC1
is disabled
0 = Enabled - Output to be discharged
1 = Disabled - Output is left floating
6:0
DC1_VSEL[6:0] 000_1110
110_0010
000_1110
000_0110
DC-DC1 Converter output voltage settings in 25mV
steps.
Maximum output = 3.4V.
110 0110 = 3.4V
110 0010 = 3.3V
101 0110 = 3.0V
100 1110 = 2.8V
……
010 0110 = 1.8V
000 1110 = 1.2V
000 0110 = 1.0V
000 0000 = 0.85V
Reset by state machine. Default held in metal mask.
Register B4h DCDC1 Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R181 (B5h)
DCDC1
Timeouts
15:14
DC1_ERRACT[1:0]
00
Action to take on DC-DC1 fault (as well as
generating an interrupt):
00 = ignore
01 = shut down converter
10 = shut down system
11 = reserved (shut down system)
Reset by state machine. Default held in metal
mask.
13:10
DC1_ENSLOT[3:0]
0000
0001
0010
0001
Time slot for DC-DC1 start-up
0000 = Disabled (do not start up)
0001 = Start-up in time slot 1
… (total 14 slots available)
1110 = Start-up in time slot 14
1111 = Start-up on entering ACTIVE
Reset by state machine. Default held in metal
mask.
9:6
DC1_SDSLOT[3:0]
0000
Time slot for DC-DC1 shutdown.
0000 = Shut down on entering OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com