Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJ45-IP67 Datasheet(PDF) 9 Page - CONEC Elektronische Bauelemente GmbH

Part # RJ45-IP67
Description  RJ45-IP67 Industrial Ethernet Connector System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

RJ45-IP67 Datasheet(HTML) 9 Page - CONEC Elektronische Bauelemente GmbH

Back Button RJ45-IP67 Datasheet HTML 5Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 6Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 7Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 8Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 9Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 10Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 11Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 12Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 13Page - CONEC Elektronische Bauelemente GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
11|8
UL listed, File No.: E202784
Double-D Panel Cut-out
Single-D Panel Cut-out
RJ45-IP67 Industrial Ethernet Connector System
Description
Order data
Product drawing
for plastic version
Recommended Panel Cut-out
for metal version
Protection cap plastic
Protection cap metal
RJ45-IP67 Panel mounted receptacle
Solder termination (PCB) Cat. 5e – Bayonet locking – Plastic or zinc die-cast
For front- or rear panel mounting up to wall thickness of 3.2 mm
Design:
- Black plastic or metallized plastic
- Zinc die-cast nickel plated
RJ45 Cat. 5e solder termination shielded with or without grounding
Available as a set with protection cap
Plastic housing: blue, green, yellow, red and white on request
PCB
with grounding
PCB
without grounding
Type
Material
Surface
RJ45 Cat.5e design
Sealing
Protection cap
Part Number
PCB with grounding
Part Number
PCB without grounding
Receptacle
Plastic
black
Solder termination shielded
17-110264
17-10017
Receptacle
Plastic
black
Solder termination shielded Sealing compound
17-110324
17-10035
Receptacle
Plastic
black
Solder termination shielded
with protection cap 17-110754
17-10023
Receptacle
Plastic
black
Solder termination shielded Sealing compound
with protection cap 17-110814
17-10039
Receptacle
Plastic
metallized
Solder termination shielded
17-110384
17-10018
Receptacle
Plastic
metallized
Solder termination shielded Sealing compound
17-110394
17-10036
Receptacle
Plastic
metallized
Solder termination shielded
with protection cap 17-110874
17-10024
Receptacle
Plastic
metallized
Solder termination shielded Sealing compound
with protection cap 17-110884
17-10040
Receptacle
Zinc die-cast
nickel plated Solder termination shielded
17-110404
17-101784
Receptacle
Zinc die-cast
nickel plated Solder termination shielded Sealing compound
17-110414
17-102184
Receptacle
Zinc die-cast
nickel plated Solder termination shielded
with protection cap 17-110894
17-101844
Receptacle
Zinc die-cast
nickel plated Solder termination shielded Sealing compound
with protection cap 17-110904
17-102204
Grounding
connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com