Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJ45-IP67 Datasheet(PDF) 4 Page - CONEC Elektronische Bauelemente GmbH

Part # RJ45-IP67
Description  RJ45-IP67 Industrial Ethernet Connector System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

RJ45-IP67 Datasheet(HTML) 4 Page - CONEC Elektronische Bauelemente GmbH

  RJ45-IP67 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 3Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 4Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 5Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 6Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 7Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 8Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 9Page - CONEC Elektronische Bauelemente GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
11|3
UL listed, File No.: E202784
Double-D Panel Cut-out
Single-D Panel Cut-out
RJ45-IP67 Industrial Ethernet Connector System
Description
Order data
Product drawing
for plastic version
Recommended Panel Cut-out
Protection cap plastic
Protection cap metal
for metal version
For front- or rear panel mounting up to wall thickness of 3.2 mm
Designs:
- Black plastic or metallized,
- Zinc die-cast nickel plated
RJ45 Cat. 5e Inline coupling unshielded or shielded
RJ45 Cat. 6A Inline coupling shielded
Plastic housing: blue, green, yellow, red and white on request
Available as a set with protection cap
RJ45-IP67 Panel mounted receptacle
Inline coupling Cat. 5e and Cat. 6A – Bayonet locking – Plastic or Zinc die-cast
Coupling Cat. 5e
Coupling Cat. 6A
Type
Material
Surface
RJ45 Cat.5e design
Protection cap
Part Number
Receptacle Cat. 5e
Plastic
black
Inline coupling shielded
17-10009
Receptacle Cat. 5e
Plastic
black
Inline coupling unshielded
17-10019
Receptacle Cat. 5e
Plastic
metallized
Inline coupling shielded
17-10012
Receptacle Cat. 5e
Plastic
black
Inline coupling shielded
with protection cap
17-10000
Receptacle Cat. 5e
Plastic
black
Inline coupling unshielded
with protection cap
17-10020
Receptacle Cat. 5e
Plastic
metallized
Inline coupling shielded
with protection cap
17-10011
Receptacle Cat. 5e
Zinc die-cast
nickel plated
Inline coupling shielded
17-101754
Receptacle Cat. 5e
Zinc die-cast
nickel plated
Inline coupling unshielded
17-101764
Receptacle Cat. 5e
Zinc die-cast
nickel plated
Inline coupling shielded
with protection cap
17-101814
Receptacle Cat. 5e
Zinc die-cast
nickel plated
Inline coupling unshielded
with protection cap
17-101824
Receptacle Cat. 6A
Plastic
black
Inline coupling shielded
17-150004
Receptacle Cat. 6A
Plastic
black
Inline coupling shielded
with protection cap
17-150014
Receptacle Cat. 6A
Plastic
metallized
Inline coupling shielded
17-150124
Receptacle Cat. 6A
Plastic
metallized
Inline coupling shielded
with protection cap
17-150134
Receptacle Cat. 6A
Zinc die-cast
nickel plated
Inline coupling shielded
17-150174
Receptacle Cat. 6A
Zinc die-cast
nickel plated
Inline coupling shielded
with protection cap
17-150184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com