Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJ45-IP67 Datasheet(PDF) 24 Page - CONEC Elektronische Bauelemente GmbH

Part # RJ45-IP67
Description  RJ45-IP67 Industrial Ethernet Connector System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

RJ45-IP67 Datasheet(HTML) 24 Page - CONEC Elektronische Bauelemente GmbH

Back Button RJ45-IP67 Datasheet HTML 20Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 21Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 22Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 23Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 24Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 25Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 26Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 27Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 28Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
11|23
UL listed, File No.: E202784
RJ45-IP67 Industrial Ethernet Connector System
Description
Order data
Product drawing
RJ45 Patch cord
Strain relief version IP20 to IP20 or IP20 to IP67 – Cat. 6A –
Bayonet locking/M28 thread – Plastic
RJ45 Patch cord
Strain relief version IP20 to IP67 – M28 thread ⁄ Bayonett locking – Cat. 5e
RJ45 Cat. 5e assembled patch cord
1 x Industrial RJ45-IP67 – 1 x Standard RJ45-IP20
Strain relief version:
Design: Black plastic and metallized
Cable: UTP unshielded (twisted pair)
STP shielded (twisted pair),
Outdoor version with „Drain wire“ and „Waterproof tape“
Other lengths on request
Type
Standard
Degree of
protection
Material
Cable
Length (L)
Part Number
Patch cord
IP20 IP67
Black plastic
UTP Unshielded
2 m
17-101374
Patch cord
IP20 IP67
Black plastic
UTP Unshielded
4 m
17-101384
Patch cord
IP20 IP67
Black plastic
UTP Unshielded
5 m
17-101394
Patch cord
IP20 IP67
Metallized plastic
STP Shielded
2 m
17-101434
Patch cord
IP20 IP67
Metallized plastic
STP Shielded
4 m
17-101444
Patch cord
IP20 IP67
Metallized plastic
STP Shielded
5 m
17-101454
Type
Outdoor
Degree of
protection
Material
Cable
Length (L)
Part Number
Patch cord
IP20 IP67
Black plastic
UTP Unshielded
2 m
17-101404
Patch cord
IP20 IP67
Black plastic
UTP Unshielded
4 m
17-101414
Patch cord
IP20 IP67
Black plastic
UTP Unshielded
5 m
17-101424
Patch cord
IP20 IP67
Metallized plastic
STP Shielded
2 m
17-101464
Patch cord
IP20 IP67
Metallized plastic
STP Shielded
4 m
17-101474
Patch cord
IP20 IP67
Metallized plastic
STP Shielded
5 m
17-101484
IP20 Protection
IP20 Protection
PatchCord Cat. 5e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com