Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJ45-IP67 Datasheet(PDF) 10 Page - CONEC Elektronische Bauelemente GmbH

Part # RJ45-IP67
Description  RJ45-IP67 Industrial Ethernet Connector System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

RJ45-IP67 Datasheet(HTML) 10 Page - CONEC Elektronische Bauelemente GmbH

Back Button RJ45-IP67 Datasheet HTML 6Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 7Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 8Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 9Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 10Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 11Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 12Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 13Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 14Page - CONEC Elektronische Bauelemente GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
11|9
UL listed, File No.: E202784
Double-D Panel Cut-out
Single-D Panel Cut-out
RJ45-IP67 Industrial Ethernet Connector System
Description
Order data
Product drawing
Protection cap plastic
Protection cap metal
for plastic version
Recommended Panel Cut-out
for metal version
PCB with grounding connection
and strain relief area
Grounding
connection
RJ45-IP67 Panel mounted receptacle
Solder termination (PCB) Cat. 5e – Bayonet locking – Plastic or zinc die-cast
For front- or rear panel mounting up to wall thickness of 3.2 mm
Design:
- Black plastic or metallized
- zinc die-cast nickel plated
RJ45 Cat. 5e solder termination with grounding connection shielded
Strain relief version includes a cable tie
Available as a set with protection cap
Plastic housing: blue, green, yellow, red and white on request
Type
Material
Surface
RJ45 Cat. 5e design
Sealing
Protection cap
Part Number
Receptacle
Plastic
black
Solder termination shielded
17-110424
Receptacle
Plastic
black
Solder termination shielded Sealing compound
17-110484
Receptacle
Plastic
black
Solder termination shielded
with protection cap
17-110914
Receptacle
Plastic
black
Solder termination shielded Sealing compound
with protection cap
17-110974
Receptacle
Plastic
metallized
Solder termination shielded
17-110544
Receptacle
Plastic
metallized
Solder termination shielded Sealing compound
17-110554
Receptacle
Plastic
metallized
Solder termination shielded
with protection cap
17-111034
Receptacle
Plastic
metallized
Solder termination shielded Sealing compound
with protection cap
17-111044
Receptacle
Zinc die-cast
nickel plated
Solder termination shielded
17-110564
Receptacle
Zinc die-cast
nickel plated
Solder termination shielded Sealing compound
17-110574
Receptacle
Zinc die-cast
nickel plated
Solder termination shielded
with protection cap
17-111054
Receptacle
Zinc die-cast
nickel plated
Solder termination shielded Sealing compound
with protection cap
17-111064
Protection cap metal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com