Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJ45-IP67 Datasheet(PDF) 23 Page - CONEC Elektronische Bauelemente GmbH

Part # RJ45-IP67
Description  RJ45-IP67 Industrial Ethernet Connector System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

RJ45-IP67 Datasheet(HTML) 23 Page - CONEC Elektronische Bauelemente GmbH

Back Button RJ45-IP67 Datasheet HTML 19Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 20Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 21Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 22Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 23Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 24Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 25Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 26Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 27Page - CONEC Elektronische Bauelemente GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
11|22
UL listed, File No.: E202784
RJ45-IP67 Industrial Ethernet Connector System
Description
Order data
Product drawing
RJ45 Patch cord
Strain relief version IP20 to IP20 or IP20 to IP67 – Cat. 6A –
Bayonet locking/M28 thread – Plastic
RJ45 Cat. 6A assembled patch cord
2 x Industrial RJ45
1 x Industrial RJ45-IP67 – 1 x Standard RJ45-IP20
Strain relief version:
- Black plastic and metallized
IP20 Protection on both cable ends
IP20 Protection to IP67 Protection
Cable: S/STP shielded (twisted pair)
Other lengths on request
IP20 Protection
IP20 Protection
PatchCord Cat. 6A
IP67 Protection
IP20 Protection
Type
Standard
Degree of
protection
Material
Coupling Ring
Material
Housing
Material
Cable fitting
Surface
Cable
Length (L) Part Number
Patch cord Cat. 6A
IP20 IP20
Plastic
Plastic
Plastic
black
S/STP, shielded
2 m
17-150604
Patch cord Cat. 6A
IP20 IP20
Plastic
Plastic
Plastic
black
S/STP, shielded
4 m
17-150614
Patch cord Cat. 6A
IP20 IP20
Plastic
Plastic
Plastic
black
S/STP, shielded
5 m
17-150624
Patch cord Cat. 6A
IP20 IP20
Plastic
Plastic
Plastic
metallized
S/STP, shielded
2 m
17-150634
Patch cord Cat. 6A
IP20 IP20
Plastic
Plastic
Plastic
metallized
S/STP, shielded
4 m
17-150644
Patch cord Cat. 6A
IP20 IP20
Plastic
Plastic
Plastic
metallized
S/STP, shielded
5 m
17-150654
Patch cord Cat. 6A
IP20 IP67
Plastic
Plastic
Plastic
black
S/STP, shielded
2 m
17-150544
Patch cord Cat. 6A
IP20 IP67
Plastic
Plastic
Plastic
black
S/STP, shielded
4 m
17-150554
Patch cord Cat. 6A
IP20 IP67
Plastic
Plastic
Plastic
black
S/STP, shielded
5 m
17-150564
Patch cord Cat. 6A
IP20 IP67
Plastic
Plastic
Plastic
metallized
S/STP, shielded
2 m
17-150574
Patch cord Cat. 6A
IP20 IP67
Plastic
Plastic
Plastic
metallized
S/STP, shielded
4 m
17-150584
Patch cord Cat. 6A
IP20 IP67
Plastic
Plastic
Plastic
metallized
S/STP, shielded
5 m
17-150594



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com