Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJ45-IP67 Datasheet(PDF) 26 Page - CONEC Elektronische Bauelemente GmbH

Part # RJ45-IP67
Description  RJ45-IP67 Industrial Ethernet Connector System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

RJ45-IP67 Datasheet(HTML) 26 Page - CONEC Elektronische Bauelemente GmbH

Back Button RJ45-IP67 Datasheet HTML 20Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 21Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 22Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 23Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 24Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 25Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 26Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 27Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 28Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
11|25
UL listed, File No.: E202784
RJ45-IP67 Industrial Ethernet Connector System
Description
Order data
Product drawing
Patch cord Cat. 5e or 6A
Type
Standard
Degree of
protection
Cable
Lenght
(L)
Part Number
black
Part Number
blue
Part Number
red
Part Number
green
Part Number
yellow
Part Number
white
Patch cord Cat. 5e IP20 IP20
STP Shielded
2 m
17-101324
Patch cord Cat. 5e IP20 IP20
STP Shielded
4 m
17-101334
Patch cord Cat. 5e IP20 IP20
STP Shielded
5 m
17-101344
Patch cord Cat. 5e IP20 IP20
UTP Unshielded
2 m
17-100654
17-100684
17-100714
17-100744
17-100774
17-100804
Patch cord Cat. 5e IP20 IP20
UTP Unshielded
4 m
17-100664
17-100694
17-100724
17-100754
17-100784
17-100814
Patch cord Cat. 5e IP20 IP20
UTP Unshielded
5 m
17-100674
17-100704
17-100734
17-100764
17-100794
17-100824
Patch cord Cat. 6A IP20 IP20
S/STP Shielded
2 m
17-150874
Patch cord Cat. 6A IP20 IP20
S/STP Shielded
4 m
17-150894
Patch cord Cat. 6A IP20 IP20
S/STP Shielded
5 m
17-150904
IP20 Protection
IP20 Protection
RJ45 Patch cord
IP20 to IP20 – Cat. 5e or Cat. 6A
RJ45 Cat. 5e or Cat. 6A assembled patch cord
IP20 Protection on both cable ends
Kabel: UTP unshielded (twisted pair)
STP, S/STP shielded (twisted pair),
Other lengths on request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com