Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJ45-IP67 Datasheet(PDF) 25 Page - CONEC Elektronische Bauelemente GmbH

Part # RJ45-IP67
Description  RJ45-IP67 Industrial Ethernet Connector System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

RJ45-IP67 Datasheet(HTML) 25 Page - CONEC Elektronische Bauelemente GmbH

Back Button RJ45-IP67 Datasheet HTML 20Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 21Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 22Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 23Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 24Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 25Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 26Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 27Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 28Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
11|24
UL listed, File No.: E202784
RJ45-IP67 Industrial Ethernet Connector System
Description
Order data
Product drawing
Patch cord Cat. 5e
Patch cord Cat. 6A
IP20 Protection
IP20 Protection
IP20 Protection
IP20 Protection
Type
Standard
Degree of
protection
Material
Coupling Ring
Material
Housing
Material
Cable fitting
Surface
Cable
Length (L) Part Number
Patch cord Cat. 5e
IP20 IP20
Plastic
Plastic
Plastic
black
UTP Unshielded
2 m
17-100574
Patch cord Cat. 5e
IP20 IP20
Plastic
Plastic
Plastic
black
UTP Unshielded
4 m
17-100584
Patch cord Cat. 5e
IP20 IP20
Plastic
Plastic
Plastic
black
UTP Unshielded
5 m
17-100594
Patch cord Cat. 5e
IP20 IP20
Plastic
Plastic
Plastic
metallized
STP Shielded
2 m
17-100604
Patch cord Cat. 5e
IP20 IP20
Plastic
Plastic
Plastic
metallized
STP Shielded
4 m
17-100614
Patch cord Cat. 5e
IP20 IP20
Plastic
Plastic
Plastic
metallized
STP Shielded
5 m
17-100624
Patch cord Cat. 6A
IP20 IP67
Plastic
Plastic
Plastic
black
S/STP Shielded
2 m
17-150664
Patch cord Cat. 6A
IP20 IP67
Plastic
Plastic
Plastic
black
S/STP Shielded
4 m
17-150674
Patch cord Cat. 6A
IP20 IP67
Plastic
Plastic
Plastic
black
S/STP Shielded
5 m
17-150684
Patch cord Cat. 6A
IP20 IP67
Plastic
Plastic
Plastic
metallized
S/STP Shielded
2 m
17-150694
Patch cord Cat. 6A
IP20 IP67
Plastic
Plastic
Plastic
metallized
S/STP Shielded
4 m
17-150704
Patch cord Cat. 6A
IP20 IP67
Plastic
Plastic
Plastic
metallized
S/STP Shielded
5 m
17-150714
RJ45 Patch cord
Strain relief version IP20 to IP20 – Cat. 5e to Cat. 6A – M28 thread – Plastic
RJ45 Cat. 5e to Cat. 6A assembled patch cord
IP20 Protection on both cable ends
Strain relief version:
- Black plastic
- Metallized plastic
Cable: UTP unshielded (twisted pair)
STP, S/STP shielded (twisted pair),
Other lengths on request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com