Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJ45-IP67 Datasheet(PDF) 3 Page - CONEC Elektronische Bauelemente GmbH

Part # RJ45-IP67
Description  RJ45-IP67 Industrial Ethernet Connector System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

RJ45-IP67 Datasheet(HTML) 3 Page - CONEC Elektronische Bauelemente GmbH

  RJ45-IP67 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 3Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 4Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 5Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 6Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 7Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 8Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 9Page - CONEC Elektronische Bauelemente GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
11|2
Interface connector
Lock mechanism
IP Degree of protection
Temperature range
Strength of current
Voltage
Contact resistance
Insulation resistance
Electric strength contact to contact
Electric strength contact to metal Housing
Technical Data
Materials
Mechanical and electrical characteristics
RJ45 Cat. 5e per EIA TIA-568-B2/ RJ45 Cat. 6A per EIA TIA-568-B2 (channel)
Bayonet socket connector per IEC 61076-3-106
IP67
-40°C to + 85°C
1.2 A max. to 25°C
100 VDC
20 mΩ max.
500 MΩ
1000 VDC 60 sec.
1500 VDC 60 sec.
Housing
Fastening nut
Housing sealing
RJ45 Socket metal housing
RJ45 Socket and plug connector plastic housing
RJ45 Socket and plug contacts
Connector housing
Socket coupling ring
Cable termination
Cable seal
Interface seal
RJ45 plug connector metal housing
Protection cap
Seal
Protection cap
PBT (black) or ABS Metallized (nickel plated), flame protection per UL 94-V0, zinc die-cast (nickel plated)
Brass nickel plated
Silicone
Copper alloy, nickel plated
PBT (black), flame protection per UL 94-V0
Phosphor bronze, gold plated
PBT (black) or ABS Metallized (nickel plated), flame protection peer UL 94-V0, zinc die-cast (nickel plated)
PBT (black) or ABS Metallized (nickel plated), flame protection per UL 94-V0, zinc die-cast (nickel plated)
PBT (black) flame protection per UL 94-V0, or brass nickel plated
NBR
Silicone
Copper alloy, nickel plated
PBT (black) or ABS Metallized (nickel plated), flame protection per UL 94-V0, zinc die-cast (nickel plated)
Silicone
PE
RJ45-IP67 Industrial Ethernet Connector System
Technical specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com