Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJ45-IP67 Datasheet(PDF) 11 Page - CONEC Elektronische Bauelemente GmbH

Part # RJ45-IP67
Description  RJ45-IP67 Industrial Ethernet Connector System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

RJ45-IP67 Datasheet(HTML) 11 Page - CONEC Elektronische Bauelemente GmbH

Back Button RJ45-IP67 Datasheet HTML 7Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 8Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 9Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 10Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 11Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 12Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 13Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 14Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 15Page - CONEC Elektronische Bauelemente GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11|10
UL listed, File No.: E202784
Round Panel Cut-out
Double-D Panel Cut-out
RJ45-IP67 Industrial Ethernet Connector System
Description
Order data
Product drawing
RJ45-IP67 Panel mounted receptacle
Solder termination (PCB) Cat. 5e – Square flange – Bayonet locking – Zinc die-cast
For front- or rear panel mounting up to wall thickness of 3.2 mm
Design:
- Zinc die-cast nickel plated
RJ45 Cat. 5e solder termination with grounding connection shielded
Strain relief version includes a cable tie
Available as a set with protection cap
Accessories:
Gasket and mounting hardware can be ordered separately
Mounting hardware includes
4x (screw M3 + nut + flat washer + spring washer)
Recommended Panel Cut-out
PCB with grounding connection
and strain relief area
PCB with grounding connection Protection cap metal
Type
Material
Surface
RJ45 Cat.5e
design
Sealing
Grounding connection
Protection cap
Part Number
Receptacle without accessories
Zinc die-cast
nickel plated Solder termination
Grounding connection
17-111094
Receptacle without accessories
Zinc die-cast
nickel plated Solder termination Sealing compound Grounding connection
17-111104
Receptacle with accessories
Zinc die-cast
nickel plated Solder termination
Grounding connection
17-111154
Receptacle with accessories
Zinc die-cast
nickel plated Solder termination Sealing compound Grounding connection
17-111164
Receptacle with accessories
Zinc die-cast
nickel plated Solder termination
Grounding connection
with protection cap 17-111214
Receptacle with accessories
Zinc die-cast
nickel plated Solder termination Sealing compound Grounding connection
with protection cap 17-111224
Receptacle without accessories
Zinc die-cast
nickel plated Solder termination
Grounding/Strain relief
17-111114
Receptacle without accessories
Zinc die-cast
nickel plated Solder termination Sealing compound Grounding/Strain relief
17-111124
Receptacle with accessories
Zinc die-cast
nickel plated Solder termination
Grounding/Strain relief
17-111174
Receptacle with accessories
Zinc die-cast
nickel plated Solder termination Sealing compound Grounding/Strain relief
17-111184
Receptacle with accessories
Zinc die-cast
nickel plated Solder termination
Grounding/Strain relief
with protection cap 17-111234
Receptacle with accessories
Zinc die-cast
nickel plated Solder termination Sealing compound Grounding/Strain relief
with protection cap 17-111244
Panel gasket
Silicone
17-103540
Mounting hardware
Stainless steel
17-103530
Grounding connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com