Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJ45-IP67 Datasheet(PDF) 13 Page - CONEC Elektronische Bauelemente GmbH

Part # RJ45-IP67
Description  RJ45-IP67 Industrial Ethernet Connector System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

RJ45-IP67 Datasheet(HTML) 13 Page - CONEC Elektronische Bauelemente GmbH

Back Button RJ45-IP67 Datasheet HTML 9Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 10Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 11Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 12Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 13Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 14Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 15Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 16Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 17Page - CONEC Elektronische Bauelemente GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
11|12
UL listed, File No.: E202784
RJ45-IP67 Industrial Ethernet Connector System
Description
Order data
Product drawing
RJ45-IP67 Panel mounted receptacle
Inline coupling Cat. 5e and 6A – M28 thread – Metal
Type
Material
Surface
Design
Protection cap
Part Number
Receptacle Cat. 5e
Metal
nickel plated
Inline coupling shielded
17-100934
Receptacle Cat. 5e
Metal
nickel plated
Inline coupling unshielded
17-101494
Receptacle Cat. 5e
Metal
nickel plated
Inline coupling shielded
with knurled protection cap 17-101604
Receptacle Cat. 5e
Metal
nickel plated
Inline coupling unshielded
with knurled protection cap 17-101614
Receptacle Cat. 5e
Metal
nickel plated
Inline coupling shielded
with hex protection cap
17-101884
Receptacle Cat. 5e
Metal
nickel plated
Inline coupling unshielded
with hex protection cap
17-101894
Receptacle Cat. 6A
Metal
nickel plated
Inline coupling shielded
17-150144
Receptacle Cat. 6A
Metal
nickel plated
Inline coupling shielded
with knurled protection cap 17-150154
Receptacle Cat. 6A
Metal
nickel plated
Inline coupling shielded
with hex protection cap
17-150164
For front- or rear panel mounting up to wall thickness of 3.2 mm
Design:
- Metal design, M28 thread
RJ45 Cat. 5e Inline coupling unshielded or shielded
RJ45 Cat. 6A Inline coupling shielded
Metal protection cap, M28 thread
Available as a set with protection cap
Recommended panel cut-out
Coupling Cat. 5e Coupling Cat. 6A
Protection cap Metal
Knurled
Protection cap Metal
Hex 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com