Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJ45-IP67 Datasheet(PDF) 27 Page - CONEC Elektronische Bauelemente GmbH

Part # RJ45-IP67
Description  RJ45-IP67 Industrial Ethernet Connector System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

RJ45-IP67 Datasheet(HTML) 27 Page - CONEC Elektronische Bauelemente GmbH

Back Button RJ45-IP67 Datasheet HTML 20Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 21Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 22Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 23Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 24Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 25Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 26Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 27Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 28Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
11|26
UL listed, File No.: E202784
RJ45-IP67 Industrial Ethernet Connector System
Description
Order data
Product drawing
Plastic version
Bayonet locking
Tether
Plastic / Zinc die-cast
Bayonet locking
Ball chain
Type
Material
Protection cap
Surface
Locking
Fixing
Part Number
Protection cap
Plastic
Black
Bayonet
Tether
17-10002
Protection cap
Plastic
Metallized
Bayonet
Tether
17-10014
Protection cap
Zinc die-cast
Nickel plated
Bayonet
Ball chain
17-101800
Protection cap
Plastic
Black
Bayonet
Ball chain
17-101710
Protection cap
Plastic
Metallized metallisiert
Bayonet
Ball chain
17-101720
Protection cap
Metal
Nickel plated
M28 thread/Hex 32
Ball chain
17-101870
Protection cap
Metal
Nickel plated
M28 thread/Knurled
Ball chain
17-100950
RJ45 and USB Accessories
Protection cap plastic – Protection cap metal
IP67 Protection unused interfaces
Protection cap:
- Black plastic
- Metallized plastic
- Metal
Termination: Bayonet locking or M28 thread
With tether or ballchain
M28 thread metal
Knurled
Ball chain
Hex 32
Ball chain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com