Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJ45-IP67 Datasheet(PDF) 15 Page - CONEC Elektronische Bauelemente GmbH

Part # RJ45-IP67
Description  RJ45-IP67 Industrial Ethernet Connector System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

RJ45-IP67 Datasheet(HTML) 15 Page - CONEC Elektronische Bauelemente GmbH

Back Button RJ45-IP67 Datasheet HTML 11Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 12Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 13Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 14Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 15Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 16Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 17Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 18Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 19Page - CONEC Elektronische Bauelemente GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
11|14
UL listed, File No.: E202784
RJ45-IP67 Industrial Ethernet Connector System
Description
Order data
Product drawing
RJ45-IP67 Plug kit
Standard version Cat. 5e and Cat. 6A – Bayonet locking – Plastic and Metal
RJ45 Cat. 5e and Cat. 6A plug connector shielded
for use with solid or stranded, shielded or unshielded
cable size AWG24
Designs:
- Black plastic
- Metallized plastic
- Zinc die-cast nickel plated
Standard version Cat. 5e
Standard version Cat. 6A
Type
Material
Coupling Ring
Material
Housing
Material
Cable fitting
Surface
Part Number
Plug kit Cat. 5e
Plastic
Plastic
Plastic
black
17-10001
Plug kit Cat. 5e
Plastic
Plastic
Metall
metallized/nickel plated
17-10013
Plug kit Cat. 5e
Zinc die-cast
Plastic
Metall
metallized/nickel plated
17-10044
Plug kit Cat. 5e
Zinc die-cast
Zinc die-cast
Metall
nickel plated
17-101794
Plug kit Cat. 6A
Plastic
Plastic
Metall
black/nickel plated
17-150234
Plug kit Cat. 6A
Plastic
Plastic
Metall
metallized/nickel plated
17-150244
Plug kit Cat. 6A
Zinc die-cast
Zinc die-cast
Metall
nickel plated
17-150284



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com