Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJ45-IP67 Datasheet(PDF) 22 Page - CONEC Elektronische Bauelemente GmbH

Part # RJ45-IP67
Description  RJ45-IP67 Industrial Ethernet Connector System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

RJ45-IP67 Datasheet(HTML) 22 Page - CONEC Elektronische Bauelemente GmbH

Back Button RJ45-IP67 Datasheet HTML 18Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 19Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 20Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 21Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 22Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 23Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 24Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 25Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 26Page - CONEC Elektronische Bauelemente GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
11|21
UL listed, File No.: E202784
RJ45-IP67 Industrial Ethernet Connector System
Description
Order data
Product drawing
RJ45 Cat. 5e and Cat. 6A assembled patch cord
2 x Metall Industrial RJ45-IP67
Designs:
- Metallized plastic
- Metal
Cable: UTP unshielded (twisted pair)
STP, S/STP shielded (twisted pair),
Outdoor version with „Drain wire“ and „Waterproof tape“
Other lengths on request
Patch cord Cat. 5e and Cat. 6A
Knurled
Patch cord Cat. 6A
Hex 32
IP20 Protection
IP67 Protection
IP20 Protection
RJ45 Patch cord
IP67 to IP20 – Cat. 5e and Cat. 6A – Bayonet locking – Plastic and Metal
RJ45 Cat. 5e and Cat. 6A assembled patch cord
1 x Industrial RJ45-IP67 – 1 x Standard RJ45-IP20
Designs:
- Metallized plastic
- Metal
Cable: UTP unshielded (twisted pair)
STP, S/STP shielded (twisted pair),
Outdoor version with cable „Drain wire“ and „Waterproof tape“
Other lengths on request
IP67 Protection
Typ
Knurled
Material
Coupling Ring
Material
Housing
Material
Cable fitting
Surface
Cable
Length
(L)
Part Number
Standard
Part Number
Outdoor
Patch cord Cat. 5e Metal
Plastic
Metal
metallized/nickel plated UTP, unshielded
2 m
17-101024
Patch cord Cat. 5e Metal
Plastic
Metal
metallized/nickel plated UTP, unshielded
4 m
17-101034
Patch cord Cat. 5e Metal
Plastic
Metal
metallized/nickel plated UTP, unshielded
5 m
17-101044
Patch cord Cat. 5e Metal
Plastic
Metal
metallized/nickel plated STP, shielded
2 m
17-100964
17-101054
Patch cord Cat. 5e Metal
Plastic
Metal
metallized/nickel plated STP, shielded
4 m
17-100974
17-101064
Patch cord Cat. 5e Metal
Plastic
Metal
metallized/nickel plated STP, shielded
5 m
17-100984
17-101074
Patch cord Cat. 6A Metal
Plastic
Metal
metallized/nickel plated S/STP, shielded
2 m
17-150764
Patch cord Cat. 6A Metal
Plastic
Metal
metallized/nickel plated S/STP, shielded
4 m
17-150774
Patch cord Cat. 6A Metal
Plastic
Metal
metallized/nickel plated S/STP, shielded
5 m
17-150784
Hex 32
Patch cord Cat. 6A Metal
Plastic
Metal
metallized/nickel plated S/STP, shielded
2 m
17-150824
Patch cord Cat. 6A Metal
Plastic
Metal
metallized/nickel plated S/STP, shielded
4 m
17-150834
Patch cord Cat. 6A Metal
Plastic
Metal
metallized/nickel plated S/STP, shielded
5 m
17-150844



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com