Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJ45-IP67 Datasheet(PDF) 19 Page - CONEC Elektronische Bauelemente GmbH

Part # RJ45-IP67
Description  RJ45-IP67 Industrial Ethernet Connector System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

RJ45-IP67 Datasheet(HTML) 19 Page - CONEC Elektronische Bauelemente GmbH

Back Button RJ45-IP67 Datasheet HTML 15Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 16Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 17Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 18Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 19Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 20Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 21Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 22Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 23Page - CONEC Elektronische Bauelemente GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
11|18
UL listed, File No.: E202784
RJ45-IP67 Industrial Ethernet Connector System
Description
Order data
Product drawing
RJ45 Patch cord
IP67 to IP67 – Cat. 5e and Cat. 6A – Bayonet locking – Plastic and Metal
Type
Standard
Material
Coupling Ring
Material
Housing
Material
Cable fitting
Surface
Cable
Length
(L)
Part Number
Standard
Part Number
Outdoor
Patch cord Cat. 5e Plastic
Plastic
Plastic
black
UTP, unshielded
2 m
17-10003
17-101144
Patch cord Cat. 5e Plastic
Plastic
Plastic
black
UTP, unshielded
4 m
17-10004
17-101154
Patch cord Cat. 5e Plastic
Plastic
Plastic
black
UTP, unshielded
5 m
17-10005
17-101164
Patch cord Cat. 5e Plastic
Plastic
Metal
metallized/nickel plated STP, shielded
2 m
17-10025
17-101174
Patch cord Cat. 5e Plastic
Plastic
Metal
metallized/nickel plated STP, shielded
4 m
17-10026
17-101184
Patch cord Cat. 5e Plastic
Plastic
Metal
metallized/nickel plated STP, shielded
5 m
17-10027
17-101194
Patch cord Cat. 5e Zinc die-cast
Plastic
Metal
metallized/nickel plated STP, shielded
2 m
17-100514
17-101204
Patch cord Cat. 5e Zinc die-cast
Plastic
Metal
metallized/nickel plated STP, shielded
4 m
17-100524
17-101214
Patch cord Cat. 5e Zinc die-cast
Plastic
Metal
metallized/nickel plated STP, shielded
5 m
17-100534
17-101224
Patch cord Cat. 5e Zinc die-cast
Zinc die-cast
Metal
nickel plated
UTP, unshielded
2 m
17-102134
17-102074
Patch cord Cat. 5e Zinc die-cast
Zinc die-cast
Metal
nickel plated
UTP, unshielded
4 m
17-102144
17-102084
Patch cord Cat. 5e Zinc die-cast
Zinc die-cast
Metal
nickel plated
UTP, unshielded
5 m
17-102154
17-102094
Patch cord Cat. 5e Zinc die-cast
Zinc die-cast
Metal
nickel plated
STP, shielded
2 m
17-102104
17-102044
Patch cord Cat. 5e Zinc die-cast
Zinc die-cast
Metal
nickel plated
STP, shielded
4 m
17-102114
17-102054
Patch cord Cat. 5e Zinc die-cast
Zinc die-cast
Metal
nickel plated
STP, shielded
5 m
17-102124
17-102064
Patch cord Cat. 6A Plastic
Plastic
Plastic
black
S/STP, shielded
2 m
17-150304
Patch cord Cat. 6A Plastic
Plastic
Plastic
black
S/STP, shielded
4 m
17-150314
Patch cord Cat. 6A Plastic
Plastic
Plastic
black
S/STP, shielded
5 m
17-150324
Patch cord Cat. 6A Plastic
Plastic
Metal
metallized/nickel plated S/STP, shielded
2 m
17-150334
Patch cord Cat. 6A Plastic
Plastic
Metal
metallized/nickel plated S/STP, shielded
4 m
17-150344
Patch cord Cat. 6A Plastic
Plastic
Metal
metallized/nickel plated S/STP, shielded
5 m
17-150354
Patch cord Cat. 6A Zinc die-cast
Plastic
Metal
metallized/nickel plated S/STP, shielded
2 m
17-150364
Patch cord Cat. 6A Zinc die-cast
Plastic
Metal
metallized/nickel plated S/STP, shielded
4 m
17-150374
Patch cord Cat. 6A Zinc die-cast
Plastic
Metal
metallized/nickel plated S/STP, shielded
5 m
17-150384
RJ45 Cat. 5e and Cat. 6A assembled patch cord
IP67 protection on both cable ends
Designs:
- Black plastic
- Metallized plastic
- Zinc die-cast
Cable: UTP unshielded (twisted pair)
STP, S/STP shielded (twisted pair),
Outdoor version with cable „Drain wire“ and „Waterproof tape“
Other lengths on request
IP67 Protection
IP67 Protection
Patch cord Cat. 5e
Patch cord Cat. 6A
IP67 Protection
IP67 Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com