Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJ45-IP67 Datasheet(PDF) 20 Page - CONEC Elektronische Bauelemente GmbH

Part # RJ45-IP67
Description  RJ45-IP67 Industrial Ethernet Connector System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

RJ45-IP67 Datasheet(HTML) 20 Page - CONEC Elektronische Bauelemente GmbH

Back Button RJ45-IP67 Datasheet HTML 16Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 17Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 18Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 19Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 20Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 21Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 22Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 23Page - CONEC Elektronische Bauelemente GmbH RJ45-IP67 Datasheet HTML 24Page - CONEC Elektronische Bauelemente GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
11|19
UL listed, File No.: E202784
RJ45-IP67 Industrial Ethernet Connector System
Description
Order data
Product drawing
Type
Standard
Material
Coupling Ring
Material
Housing
Material
Cable fitting
Surface
Cable
Length
(L)
Part Number
Standard
Part Number
Outdoor
Patch cord Cat. 5e Plastic
Plastic
Plastic
black
UTP, unshielded
2 m
17-10006
17-101234
Patch cord Cat. 5e Plastic
Plastic
Plastic
black
UTP, unshielded
4 m
17-10007
17-101244
Patch cord Cat. 5e Plastic
Plastic
Plastic
black
UTP, unshielded
5 m
17-10008
17-101254
Patch cord Cat. 5e Plastic
Plastic
Metal
metallized/nickel plated STP, shielded
2 m
17-10028
17-101264
Patch cord Cat. 5e Plastic
Plastic
Metal
metallized/nickel plated STP, shielded
4 m
17-10029
17-101274
Patch cord Cat. 5e Plastic
Plastic
Metal
metallized/nickel plated STP, shielded
5 m
17-10030
17-101284
Patch cord Cat. 5e Zinc die-cast
Plastic
Metal
metallized/nickel plated STP, shielded
2 m
17-101264
17-101294
Patch cord Cat. 5e Zinc die-cast
Plastic
Metal
metallized/nickel plated STP, shielded
4 m
17-101274
17-101304
Patch cord Cat. 5e Zinc die-cast
Plastic
Metal
metallized/nickel plated STP, shielded
5 m
17-101284
17-101314
Patch cord Cat. 5e Zinc die-cast
Zinc die-cast
Metal
nickel plated
UTP, unshielded
2 m
17-102014
17-101984
Patch cord Cat. 5e Zinc die-cast
Zinc die-cast
Metal
nickel plated
UTP, unshielded
4 m
17-102024
17-101964
Patch cord Cat. 5e Zinc die-cast
Zinc die-cast
Metal
nickel plated
UTP, unshielded
5 m
17-102034
17-101974
Patch cord Cat. 5e Zinc die-cast
Zinc die-cast
Metal
nickel plated
STP, shielded
2 m
17-101984
17-101924
Patch cord Cat. 5e Zinc die-cast
Zinc die-cast
Metal
nickel plated
STP, shielded
4 m
17-101994
17-101934
Patch cord Cat. 5e Zinc die-cast
Zinc die-cast
Metal
nickel plated
STP, shielded
5 m
17-102004
17-101944
Patch cord Cat. 6A Plastic
Plastic
Plastic
black
S/STP, shielded
2 m
17-150424
Patch cord Cat. 6A Plastic
Plastic
Plastic
black
S/STP, shielded
4 m
17-150434
Patch cord Cat. 6A Plastic
Plastic
Plastic
black
S/STP, shielded
5 m
17-150444
Patch cord Cat. 6A Plastic
Plastic
Metal
metallized/nickel plated S/STP, shielded
2 m
17-150454
Patch cord Cat. 6A Plastic
Plastic
Metal
metallized/nickel plated S/STP, shielded
4 m
17-150464
Patch cord Cat. 6A Plastic
Plastic
Metal
metallized/nickel plated S/STP, shielded
5 m
17-150474
Patch cord Cat. 6A Zinc die-cast
Plastic
Metal
metallized/nickel plated S/STP, shielded
2 m
17-150484
Patch cord Cat. 6A Zinc die-cast
Plastic
Metal
metallized/nickel plated S/STP, shielded
4 m
17-150494
Patch cord Cat. 6A Zinc die-cast
Plastic
Metal
metallized/nickel plated S/STP, shielded
5 m
17-150504
Patch cord Cat. 5e
Patch cord Cat. 6A
IP20 Protection
IP67 Protection
IP20 Protection
RJ45 Patch cord
IP67to IP20 – Cat. 5e and Cat. 6A – Bayonet locking – Plastic and Metal
RJ45 Cat. 5e and Cat. 6A assembled patch cord
1 x Industrial RJ45-IP67 – 1 x Standard RJ45-IP20
Designs:
- Black plastic
- Metallized plastic
- Zinc die-cast
Cable: UTP unshielded (twisted pair)
STP, S/STP shielded (twisted pair),
Outdoor version with cable „Drain wire“ and „Waterproof tape“
Other lengths on request
IP67 Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com