Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8241EC Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC8241EC
Description  MPC8241 Integrated Processor Hardware Specifications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8241EC Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC8241EC Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
MPC8241 Integrated Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
3
Features
The peripheral logic integrates a PCI bridge, dual universal asynchronous receiver/transmitter (DUART),
memory controller, DMA controller, PIC interrupt controller, a message unit (and I2O interface), and an
I2C controller. The processor core is a full-featured, high-performance processor with floating-point
support, memory management, 16-Kbyte instruction cache, 16-Kbyte data cache, and power management
features. The integration reduces the overall packaging requirements and the number of discrete devices
required for an embedded system.
An internal peripheral logic bus interfaces the processor core to the peripheral logic. The core can operate
at a variety of frequencies, allowing the designer to trade performance for power consumption. The
processor core is clocked from a separate PLL that is referenced to the peripheral logic PLL, allowing the
microprocessor and the peripheral logic block to operate at different frequencies while maintaining a
synchronous bus interface. The interface uses a 64- or 32-bit data bus (depending on memory data bus
width) and a 32-bit address bus along with control signals that enable the interface between the processor
and peripheral logic to be optimized for performance. PCI accesses to the MPC8241 memory space are
passed to the processor bus for snooping when snoop mode is enabled.
The general-purpose processor core and peripheral logic serve a variety of embedded applications. The
MPC8241 can be used as either a PCI host or PCI agent controller.
2Features
Major features of the MPC8241 are as follows:
•
Processor core
— High-performance, superscalar processor core
— Integer unit (IU), floating-point unit (FPU) (software enabled or disabled), load/store unit
(LSU), system register unit (SRU), and a branch processing unit (BPU)
— 16-Kbyte instruction cache
— 16-Kbyte data cache
— Lockable L1 caches—entire cache or on a per-way basis up to three of four ways
— Dynamic power management—supports 60x nap, doze, and sleep modes
•
Peripheral logic
— Peripheral logic bus
– Various operating frequencies and bus divider ratios
– 32-bit address bus, 64-bit data bus
– Full memory coherency
– Decoupled address and data buses for pipelining of peripheral logic bus accesses
– Store gathering on peripheral logic bus-to-PCI writes
— Memory interface
– Up to 2 Gbytes of SDRAM memory
– High-bandwidth data bus (32- or 64-bit) to SDRAM
– Programmable timing for SDRAM
– One to 8 banks of 16-, 64-, 128-, 256-, or 512-Mbit memory devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com