Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8241EC Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC8241EC
Description  MPC8241 Integrated Processor Hardware Specifications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8241EC Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC8241EC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
MPC8241 Integrated Processor Hardware Specifications, Rev. 10
12
Freescale Semiconductor
Electrical and Thermal Characteristics
4.3
Power Characteristics
Table 5 provides preliminary estimated power consumption data for the MPC8241.
Table 5. Preliminary Power Consumption
Mode
PCI Bus Clock/Memory Bus Clock
CPU Clock Frequency (MHz)
Unit
Notes
33/66/133
33/66/166
33/66/200
33/100/200
66/100/200
66/66/ 266
66/133/ 266
Typical
0.7
0.8
1.0
1.0
1.0
1.5
1.8
W
1, 5
Max—CFP
0.8
1.01.2
1.31.3
1.92.1
W
1, 2
Max—INT
0.8
0.9
1.0
1.2
1.2
1.6
1.8
W
1, 3
Doze
0.5
0.6
0.7
0.8
0.8
1.0
1.3
W
1, 4, 6
Nap
0.2
0.2
0.3
0.4
0.4
0.4
0.7
W
1, 4, 6
Sleep
0.2
0.2
0.2
0.2
0.3
0.2
0.4
W
1, 4, 6
I/O Power Supplies 7
Mode
Minimum
Maximum
Unit
Notes
GVDD_OVDD
500
1130
mW
8
Notes:
1. The values include VDD, AVDD, and AVDD2 but do not include I/O supply power.
2. Maximum—FP power is measured at VDD = 1.9 V with dynamic power management enabled while running an entirely
cache-resident, looping, floating-point multiplication instruction.
3. Maximum—INT power is measured at VDD = 1.9 V with dynamic power management enabled while running entirely
cache-resident, looping, integer instructions.
4. Power saving mode maximums are measured at VDD = 1.9 V while the device is in doze, nap, or sleep mode.
5. Typical power is measured at VDD = AVDD = 1.8 V, GVDD_OVDD = 3.3 V where a nominal FP value, a nominal INT value, and
a value where there is a continuous flush of cache lines with alternating ones and zeros on 64-bit boundaries to local memory
are averaged.
6. Power saving mode data measured with only two PCI_CLKs and two SDRAM_CLKs enabled.
7. Power consumption of PLL supply pins (AVDD and AVDD2) < 15 mW, guaranteed by design, but not tested.
8. The typical maximum GVDD_OVDD value resulted from the MPC8241 operating at the fastest frequency combination of
66:133:266 (PCI:Mem:CPU) MHz and performing continuous flushes of cache lines with alternating ones and zeros to PCI
memory and on 64-bit boundaries to local memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com