Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8241EC Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # MPC8241EC
Description  MPC8241 Integrated Processor Hardware Specifications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8241EC Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MPC8241EC Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 58 page
background image
MPC8241 Integrated Processor Hardware Specifications, Rev. 10
44
Freescale Semiconductor
System Design Information
7.4
Pull-Up/Pull-Down Resistor Requirements
The data bus input receivers are normally turned off when no read operation is in progress; therefore, they
do not require pull-up resistors on the bus. The data bus signals are: MDH[0:31], MDL[0:31], and
PAR[0:7].
If the 32-bit data bus mode is selected, the input receivers of the unused data and parity bits (MDL[0:31]
and PAR[4:7]) are disabled, and their outputs drive logic zeros when they would otherwise be driven. For
this mode, these pins do not require pull-up resistors and should be left unconnected to minimize possible
output switching.
The TEST0 pin requires a pull-up resistor of 120
Ω or less connected to GVDD_OVDD.
RTC should have weak pull-up resistors (2–10 k
Ω) connected to GV
DD_OVDD and that the following
signals should be pulled up to GVDD_OVDD with weak pull-up resistors (2–10 kΩ): SDA, SCL, SMI,
SRESET/SDMA12, TBEN/SDMA13, CHKSTOP_IN/SDMA14, TRIG_IN/RCS2, QACK/DA0, and
DRDY.
The following PCI control signals should be pulled up to LVDD (the clamping voltage) with weak pull-up
resistors (2–10 k
Ω): DEVSEL, FRAME, IRDY, LOCK, PERR, SERR, STOP, and TRDY. The resistor
values may need to have stronger adjustment to reduce induced noise on specific board designs.
The following pins have internal pull-up resistors enabled at all times: REQ[3:0], REQ4/DA4, TCK, TDI,
TMS, and TRST. See Table 16.
The following pins have internal pull-up resistors that are enabled only while the device is in the reset state:
GNT4/DA5, MDL0, FOE, RCS0, SDRAS, SDCAS, CKE, AS, MCP, MAA[0:2], and PMAA[0:2]. See
Table 16.
The following pins are reset configuration pins: GNT4/DA5, MDL[0], FOE, RCS0, CKE, AS, MCP,
QACK/DA0, MAA[0:2], PMAA[0:2], SDMA[1:0], MDH[16:31], and PLL_CFG[0:4]/DA[10:15]. These
pins are sampled during reset to configure the device. The PLL_CFG[0:4] signals are sampled a few clocks
after the negation of HRST_CPU and HRST_CTRL.
Reset configuration pins should be tied to GND by means of 1-k
Ω pull-down resistors to ensure that a logic
zero level is read into the configuration bits during reset if the default logic-one level is not desired.
Any other unused active low input pins should be tied to a logic-one level by means of weak pull-up
resistors (2–10 k
Ω) to the appropriate power supply listed in Table 16. Unused active high input pins
should be tied to GND by means of weak pull-down resistors (2–10 k
Ω).
7.5
PCI Reference Voltage—LVDD
The MPC8241 PCI reference voltage (LVDD) pins should be connected to 3.3 ± 0.3 V power supply if
interfacing the MPC8241 into a 3.3-V PCI bus system. Similarly, the LVDD pins should be connected to
5.0 V ± 5% power supply if interfacing the MPC8241 into a 5-V PCI bus system. For either reference
voltage, the MPC8241 always performs 3.3-V signaling as described in the PCI Local Bus Specification
(Rev. 2.2). The MPC8241 tolerates 5-V signals when interfaced into a 5-V PCI bus system. (See Errata
No. 18 in the MPC8245/MPC8241 Integrated Processor Chip Errata).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com